Electronic Components Datasheet Search
  English  ▼

X  

EM65571 Datasheet(PDF) 36 Page - ELAN Microelectronics Corp

Part # EM65571
Description  130COM / 128SEG 65K Color STN LCD Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65571 Datasheet(HTML) 36 Page - ELAN Microelectronics Corp

Back Button EM65571 Datasheet HTML 32Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 33Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 34Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 35Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 36Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 37Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 38Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 39Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 40Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 118 page
background image
EM65571
130COM/128SEG 65K Color STN LCD Driver
30
•
Product Specification (V1.0) 08.04.2005
(This specification is subject to change without further notice)
Gradation Mode (4096 Color), (C256=0, 65K=0)
(1). 8-bit Mode (WLS=”0”)
HSW ABS REF SWAP
X-address / Data Bus / Palette / Segment Assigned
0
*
0
0
X=00H
X=01H
X=FEH
X=FFH
0
*
1
1
X=FEH
X=FFH
X=00H
X=01H
HSW ABS REF SWAP
X-address / Data Bus / Palette / Segment Assigned
0
*
0
1
X=00H
X=01H
X=FEH
X=FFH
0
*
1
0
X=FEH
X=FFH
X=00H
X=01H
HSW ABS REF SWAP
X-address / Data Bus / Palette / Segment Assigned
1
*
0
0
X=00H
X=01H
X=BEH
X=BFH
1
*
1
1
X=BEH
X=BFH
X=00H
X=01H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com