Electronic Components Datasheet Search
  English  ▼

X  

EM65571 Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM65571
Description  130COM / 128SEG 65K Color STN LCD Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65571 Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM65571 Datasheet HTML 1Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 2Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 3Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 4Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 5Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 6Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 7Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 8Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 118 page
background image
Contents
Product Specification (V1.0) 08 04 2005
iii
Contents
1
General Description .................................................................................................. 1
2
Feature .......................................................................................................................1
3
Applications............................................................................................................... 1
3.1
Pin Configuration ................................................................................................2
3.2
Pin Dimensions ...................................................................................................3
4
Functional Block Diagram ...................................................................................... 12
5
Power Circuit Block Diagram ................................................................................. 13
6
Pin Description ........................................................................................................ 14
6.1
Power Supply Pins............................................................................................14
6.2
LCD Power Supply Circuit Pins ........................................................................14
6.3
System Bus Pins...............................................................................................15
6.4
LCD Drive Circuit Signals .................................................................................16
6.5
Oscillating Circuit Pin ........................................................................................17
6.6
EEPROM Power Pin .........................................................................................17
7
Functional Description ........................................................................................... 17
7.1
MPU Interface ...................................................................................................17
7.1.1
Reset Pin Description (RESB) ..........................................................................17
7.1.2
Selection of Interface Type................................................................................17
7.1.3
Parallel Input ....................................................................................................18
7.1.4
Read/Write Functions of the Registers and Display RAM ................................18
7.1.5
Serial Interface ..................................................................................................18
7.1.6
4-wire Serial Interface .......................................................................................18
7.1.7
3-Wire Type Serial Interface..............................................................................19
7.2
Data Write to Display RAM and Control Register .............................................20
7.3
Internal Register Read ......................................................................................20
7.4
16-Bit Data Access to Display RAM..................................................................21
7.5
Fast Burst RAM Write Function ........................................................................21
7.6
Display Start Address Register .........................................................................22
7.7
Display RAM Addressing ..................................................................................22
7.8
Display RAM Access Using Windows Function ................................................25
7.9
Display RAM Data and LCD .............................................................................26
7.10 Segment Display Output Order/Reverse Set up ...............................................26
7.11 Relationship between Display RAM and Address.............................................27
7.12 Display Data Structure and Gradation Control..................................................35
7.13 Gradation LSB Control.....................................................................................41
7.14 Gradation Palette .............................................................................................42
7.15 Color Display (PWM+FRC) ..............................................................................47
7.16 Display Timing Circuit .......................................................................................49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com