Electronic Components Datasheet Search
  English  ▼

X  

EM65571 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM65571
Description  130COM / 128SEG 65K Color STN LCD Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65571 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM65571 Datasheet HTML 3Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 4Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 5Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 6Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 7Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 8Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 9Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 10Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 118 page
background image
EM65571
130COM/128SEG 65K Color STN LCD Driver
Product Specification (V1.0) 08.04.2005
• 1
(This specification is subject to change without further notice)
1
General Description
The EM65571 is one of the industry’s most advanced wide-screen STN-LCD drivers for
65K-color displays. It has a built-in display RAM, a power supply circuit for LCD drive,
an LCD controller circuit, and support for LCD cell tolerance compensation of VLCD by
external pin selection. It also supports the EEPROM function for programming
information to tune VLCD offset voltage to get the best contrast. Therefore, this
contributes to a compact system design. In addition, its partial display function realizes
low power consumption.
*Partial display function: A function that utilizes only part of the screen, thus reducing
power consumption.
2
Feature
65K-color display
LCD output: Segment 128RGB (384 outputs); Common 128 outputs
Display RAM capacity: 128x130x16=266240 bits
Built-in display RAM and power supply circuit
Partial display function
Bus connection with 80-family/68-family MPU/ELAN MPU
Logic power supply voltage: 2.2V to 3.3V
LCD driving voltage: 5.0V to 20V
Booster: 2 to 7 times
Fast burst-RAM write function
EEPROM function for tuning LCD operating voltage Vop
Write system cycle: 200 ns
Package:
Part Number
Package
Description
Package Information
EM65571AGH
Gold bumped chip
NA
Page 5
Note:
The EM65571 series has the following sub-codes, depending on their shapes.
H
: Bare chip (Aluminum pad without bump);
GH
: Gold bumped chip
F
: COF package;
T
: TAB (TCP) package
Example
:
EM65571AGH
EM65571: Elan number; A: Package Version; GH: Gold bumped chip
3
Applications
Mobile phone
Small PDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com