Electronic Components Datasheet Search
  English  ▼

X  

EM65571 Datasheet(PDF) 95 Page - ELAN Microelectronics Corp

Part # EM65571
Description  130COM / 128SEG 65K Color STN LCD Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65571 Datasheet(HTML) 95 Page - ELAN Microelectronics Corp

Back Button EM65571 Datasheet HTML 91Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 92Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 93Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 94Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 95Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 96Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 97Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 98Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 99Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 118 page
background image
EM65571
130COM/128SEG 65K Color STN LCD Driver
Product Specification (V1.0) 08.04.2005
• 89
(This specification is subject to change without further notice)
PWM
The PWM register selects the gradation display mode.
PWM = “0”: Variable display mode using 32 gradations selected from 48
gradations in 65K color mode (65K=1, C256=”*”)
Variable display mode using 16 gradations selected from 48 gradations in 4096
color mode (65K=0, C256=0)
Variable display mode using 8 gradations selected from 48 gradations in 256 color
mode (65K=0, C256=1)
PWM = “1”: 32-gradation fixed display mode
8.2.17 Data Bus Size Select
D7 D6 D5 D4
D3
D2
D1
D0
CSB
RS
RDB
WRB
RE2
RE1
RE0
1
0
0
1
C256 HSW ABS
WLS
0
1
1
0
1
0
0
Note: During a reset: {C256, HSW, ABS, WLS} = 0H, read address: 9H
WLS
The WLS register selects a data bus size in accessing the MPU
WLS = “0”: The data bus size is 8-bit width
WLS = “1”: The data bus size is 16-bit width
When an MPU access to the control register used 16-bit bus size, high byte data
is ignored.
ABS
ABS= “0”: normal mode
ABS= “1”: change corresponding bit from input data bus
HSW
HSW=“0”: High speed writing mode off
HSW=“1”: High speed writing mode on accessing the 8-bit data RAM
C256
C256= “0”: 4096-color mode
C256= “1”: 256-color mode
*IF 65K=1, C256 is prohibited control bit.
8.2.18 Electronic Volume Register
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB
WRB
RE2 RE1 RE0
1
0
1
0
DV3 DV2 DV1 DV0
0
1
1
0
1
0
0
Note: Read address: AH
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB
WRB
RE2 RE1 RE0
1
0
1
1
*
DV6 DV5 DV4
0
1
1
0
1
0
0
Note: Read address: BH
During a reset: {DV6~DV0} = 00H
The asterisk “*” mark means “Don’t care”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com