Electronic Components Datasheet Search
  English  ▼

X  

EM65571 Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM65571
Description  130COM / 128SEG 65K Color STN LCD Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65571 Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM65571 Datasheet HTML 8Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 9Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 10Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 11Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 12Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 13Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 14Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 15Page - ELAN Microelectronics Corp EM65571 Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 118 page
background image
EM65571
130COM/128SEG 65K Color STN LCD Driver
6
•
Product Specification (V1.0) 08.04.2005
(This specification is subject to change without further notice)
Pin No.
Pad Name
Coordinate (X, Y)
Pin No.
Pad Name
Coordinate (X, Y)
201
VREF
3867.9 , -734.5
251
CAP3+
7111.9 , -734.5
202
VREF
3927.9 , -734.5
252
CAP3+
7171.9 , -734.5
203
VEE
3987.9 , -734.5
253
CAP4+
7231.9 , -734.5
204
VEE
4047.9 , -734.5
254
CAP4+
7291.9 , -734.5
205
VEE
4107.9 , -734.5
255
CAP4+
7351.9 , -734.5
206
VEE
4167.9 , -734.5
256
CAP4+
7411.9 , -734.5
207
VEE
4227.9 , -734.5
257
CAP4+
7471.9 , -734.5
208
VEE
4287.9 , -734.5
258
CAP4+
7531.9 , -734.5
209
VSSH
4347.9 , -734.5
259
CAP5+
7835.3 , -734.5
210
VSSH
4407.9 , -734.5
260
CAP5+
7895.3 , -734.5
211
VSSH
4467.9 , -734.5
261
CAP5+
7955.3 , -734.5
212
VSSH
4527.9 , -734.5
262
CAP5+
8015.3 , -734.5
213
VSSH
4587.9 , -734.5
263
CAP5+
8075.3 , -734.5
214
VSSH
4647.9 , -734.5
264
CAP5+
8135.3 , -734.5
215
VSSH
4707.9 , -734.5
265
CAP6+
8195.3 , -734.5
216
VSSH
4767.9 , -734.5
266
CAP6+
8255.3 , -734.5
217
VOUT
4827.9 , -734.5
267
CAP6+
8315.3 , -734.5
218
VOUT
4887.9 , -734.5
268
CAP6+
8375.3 , -734.5
219
VOUT
4947.9 , -734.5
269
CAP6+
8435.3 , -734.5
220
VOUT
5007.9 , -734.5
270
CAP6+
8495.3 , -734.5
221
VOUT
5067.9 , -734.5
271
NC4
8576.3 , -729.0
222
VOUT
5127.9 , -734.5
272
DUMMY
8631.8 , -729.0
223
CAP1-
5187.9 , -734.5
273
DUMMY
8676.8 , -729.0
224
CAP1-
5247.9 , -734.5
274
DUMMY
8721.8 , -729.0
225
CAP1-
5307.9 , -734.5
275
DUMMY
8766.8 , -729.0
226
CAP1-
5367.9 , -734.5
276
DUMMY
8811.8 , -729.0
227
CAP1-
5427.9 , -734.5
277
DUMMY
8856.8 , -729.0
228
CAP1-
5487.9 , -734.5
278
DUMMY
8901.8 , -729.0
229
CAP1+
5791.9 , -734.5
279
DUMMY
8946.8 , -729.0
230
CAP1+
5851.9 , -734.5
280
DUMMY
8991.8 , -729.0
231
CAP1+
5911.9 , -734.5
281
DUMMY
9036.8 , -729.0
232
CAP1+
5971.9 , -734.5
282
DUMMY
9081.8 , -729.0
233
CAP1+
6031.9 , -734.5
283
DUMMY
9126.8 , -729.0
234
CAP1+
6091.9 , -734.5
284
DUMMY
9171.8 , -729.0
235
CAP2-
6151.9 , -734.5
285
DUMMY
9216.8 , -729.0
236
CAP2-
6211.9 , -734.5
286
DUMMY
9261.8 , -729.0
237
CAP2-
6271.9 , -734.5
287
DUMMY
9306.8 , -729.0
238
CAP2-
6331.9 , -734.5
288
COM126
9351.8 , -729.0
239
CAP2-
6391.9 , -734.5
289
COM124
9396.8 , -729.0
240
CAP2-
6451.9 , -734.5
290
COM122
9441.8 , -729.0
241
CAP2+
6511.9 , -734.5
291
COM120
9486.8 , -729.0
242
CAP2+
6571.9 , -734.5
292
COM118
9531.8 , -729.0
243
CAP2+
6631.9 , -734.5
293
COM116
9576.8 , -729.0
244
CAP2+
6691.9 , -734.5
294
COM114
9621.8 , -729.0
245
CAP2+
6751.9 , -734.5
295
COM112
9666.8 , -729.0
246
CAP2+
6811.9 , -734.5
296
COM110
9711.8 , -729.0
247
CAP3+
6871.9 , -734.5
297
COM108
9756.8 , -729.0
248
CAP3+
6931.9 , -734.5
298
COM106
9801.8 , -729.0
249
CAP3+
6991.9 , -734.5
299
NC5
9846.8 , -729.0
250
CAP3+
7051.9 , -734.5
300
NC6
10159.0 , -720.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com