Electronic Components Datasheet Search
  English  ▼

X  

EM78451AP Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part # EM78451AP
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78451AP Datasheet(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EM78451AP Datasheet HTML 30Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 33Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 34Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
EM78451
8-Bit Microcontroller
30
•
Product Specification (V1.2) 05.27.2004
(This specification is subject to change without further notice)
BC 0x0C,1
NOP
JMP SPI
DELAY:
; (User’s program)
EOP
ORG 0XFFF
JMP INITI
4.6 Timer 1
4.6.1
Overview
Timer1(TMR1) is an eight-bit clock counter with a programmable prescaler. It is
designed for the SPI module as a baud rate clock generator. TMR1 can be read,
written, and cleared on any reset conditions. If employed, it can be turned down for
power saving by setting TMR1EN bit [T1CON<2>] to 0.
4.6.2
Function description
Fig. 15 shows TIMER1 block diagram. Each signal and block is described as follows:
Fig. 15 TIMER1 Block Diagram
OSC/4:Input clock.
Prescaler: Option of 1:1, 1:4, 1:8, and 1:16 defined by T1P1 and T1P02(T1CON<1,
0>). It is cleared when a value is written to TMR1 or T1CON, and during any kind of
reset as well.
PWP: Pulse width preset register; the desired width of baud clock is written in
advance.
TMR1: Timer 1 register; TMR1 increases until it matches with PWP, and then
resets to 0. If it is chosen optionally in the SPI mode, its output is fed as a shifting
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com