Electronic Components Datasheet Search
  English  ▼

X  

EM78451AP Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78451AP
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78451AP Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78451AP Datasheet HTML 3Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 4Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 5Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
EM78451
8-Bit Microcontroller
Product Specification (V1.2) 05.27.2004
• 3
(This specification is subject to change without further notice)
Symbol
Pin No.
Type
Function Description
DATA
3
I/O
By connecting P75 and P77 together, P75 can be pulled-high by software
and it is also a pin-change wake-up pin.
P77 can be defined as an open-drain output.
P60~P67
27~34
I/O
General bi-directional port. All of its pins can be pulled-high by software,
and pin-change wake-up pins.
P50~P57
11~18
I/O
General bi-directional I/O port. All of its pins can be pulled-high * * by
software.
VDD
38
-
Power supply pin.
VSS
1
-
Ground pin.
/INT
2
I
An interrupt schmitt-triggered pin. The function of interrupt triggers at the
falling edge. Users can enable it by software. The internal pull-up resistor
is around 50K ohm.
SDI
7
I/O
Serial data in for SPI
SDO
8
I/O
Serial data out for SPI.
SCK
9
I/O
Serial clock for SPI.
/SS
10
I/O
/Slave select for SPI.
4
FUNCTION DESCRIPTION
IOC5
R5
P
5
0
P
5
1
P
5
2
P
5
3
P
5
4
P
5
5
P
5
6
P
5
7
IOC6
R6
P
6
0
P
6
1
P
6
2
P
6
3
P
6
4
P
6
5
P
6
6
P
6
7
IOC7
R7
P
7
0
P
7
1
P
7
2
IOC8
R8
P
8
0
P
8
1
P
8
2
P
8
3
P
8
4
P
8
5
P
8
6
P
8
7
IOC9
R9
P
9
0
P
5
5
/
/
S
S
SPI
ENG IN
TM R1
ACC
R3
STACK 1
STACK 2
STACK 3
STACK 4
STACK 5
P C
ROM
Instruction
Register
Instruction
Decoder
ALU
Interrupt
Control
/INT
R4
RAM
W DT Tim er
Prescaler
O scillator/
Timming
Control
WD T
Tim e-out
R1(TCC)
Sleep
&
Wake Up
Control
DAT A & CONT ROL BUS
P
9
4
/
S
C
K
P
9
3
/
S
D
O
P
9
2
/
S
D
I
P
9
1
Fig. 2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com