Electronic Components Datasheet Search
  English  ▼

X  

EM78451AP Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # EM78451AP
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78451AP Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button EM78451AP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 11Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 13Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 14Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 15Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 16Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 17Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 18Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
EM78451
8-Bit Microcontroller
10
•
Product Specification (V1.2) 05.27.2004
(This specification is subject to change without further notice)
4.1.13 RF (PWP: Pulse width preset register)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0F
PWP/RF
PWP7
PWP6
PWP5
PWP4
PWP3
PWP2
PWP1
PWP0
PWP7~PWP0 are the bit sets of pulse width preset in advance for the desired baud
clock width.
4.1.14 R20~R3E (General Purpose Register)
RA~R1F, and R20~R3E (including Banks 0~3) are general-purpose registers.
4.1.15 R3F (Interrupt Status Register)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x3F
ISR/R3F
-
-
-
-
TM1IF
SPIIF
EXIF
TCIF
Bit 0 (TCIF) TCC timer overflow interrupt flag. Set as TCC overflow; flag cleared by
software.
Bit 1 (EXIF) External interrupt flag. Set by falling edge on /INT pin, flag cleared by
software
Bit 2 (SPIIF) SPI interrupt flag. Set by completion of data transmission, flag cleared by
software.
Bit 3 (TM1IF) Timer1 interrupt flag. Set by the comparator at Timer1 application, flag
cleared by software.
Bits 2~7 are not used and read as “0”.
"1" means interrupt request, "0" means non-interrupt.
R3F can be cleared by instruction, but cannot be set by instruction.
IOCF is the interrupt mask register.
Note that to read R3F will result of "logic AND" of R3F and IOCF.
4.2 Special Purpose Registers
4.2.1
A (Accumulator)
Internal data transfer, or instruction operand holding.
A non-addressable register.
4.2.2
CONT (Control Register)
7
6
5
4
3
2
1
0
/PHEN
/INT
-
-
PAB
PSR2
PSR1
PSR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com