Electronic Components Datasheet Search
  English  ▼

X  

EM78451AP Datasheet(PDF) 52 Page - ELAN Microelectronics Corp

Part # EM78451AP
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78451AP Datasheet(HTML) 52 Page - ELAN Microelectronics Corp

Back Button EM78451AP Datasheet HTML 46Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 47Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 48Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 49Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 50Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 51Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 52Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 53Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 54Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
EM78451
8-Bit Microcontroller
48
•
Product Specification (V1.2) 05.27.2004
(This specification is subject to change without further notice)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VOL1
Output Low Voltage
(Ports 5,6,8, P74~P77,
P90~P92,P95~P97,and
PF5~PF7))
IOL = 5.0mA
0.4
V
S7=1(IOCD Register bit7),
IOH = 10.0mA
0.4
0.8
VOL2
Output Low Voltage
(P70~P72)
S7=0(IOCD Register bit7),
IOH = 10.0mA
0.4
V
VOL3
Output Low Voltage
(P93/SDO, P94/SCK)
IOL = 7.0mA
0.4
V
VOL4
Output Low Voltage
(P74~P77)
IOL = 15.0mA
0.4
IPH
Pull-high current
Pull-high active, input pin at VSS
-50
-100
-240
µA
IPH2
Pull-high current
(P74,P75)
Pull-high active, input pin at VSS
1
mA
ISB
Power down current
All input and I/O pin at VDD, output
pin floating, WDT enabled
10
µA
ICC
Operating supply current
/RESET="High",
Fosc=1.84324MHz (CK2="0"),
output pin floating
3
mA
6.2 AC Characteristic
(Ta=0
°C~70°C, VDD=5V±5%, VSS=0V)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Dclk
Input CLK duty cycle
45
50
55
%
Tins
Instruction cycle time
(CK2="0")
RC Type
500
DC
ns
Ttcc
TCC input period
(Tins+20)/N*
ns
Twdt
Watchdog timer period
Ta=25
°C
18
ms
Tdrh
Device reset hold period
Ta=25
°C
18
3
ms
N= selected prescaler ratio.
3 NOTE: Vdd = 5V, set up time period = 16.2ms ± 5%
Vdd = 3V, set up time period = 18.0ms ± 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com