Electronic Components Datasheet Search
  English  ▼

X  

EM78451AP Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78451AP
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78451AP Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78451AP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 11Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 13Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 14Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 15Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 16Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
EM78451
8-Bit Microcontroller
Product Specification (V1.2) 05.27.2004
• 9
(This specification is subject to change without further notice)
CES (bit 7): Clock Edge Select bit
1 = Data shifts out on falling edge, and shifts in on rising edge. Data is on hold during
high level.
0 = Data shifts out on rising edge, and shifts in on falling edge. Data is on hold during
low level.
SPIE (bit 6): SPI Enable bit
1= Enable SPI mode
0= Disable SPI mode
SRO (bit 5): SPI Read Overflow bit
1 = A new data is received while the previous data is still being held in the SPIB
register. In this situation, the data in SPIS register will be destroyed. To avoid setting
this bit, users are required to read the SPIRB registers although only the transmission
has been implemented.
0 = No overflow.
NOTE
This can only occur in slave mode.
SSE (bit 4): SPI Shift Enable bit
1 = Start to shift, and keep on 1 while the current byte is still being transmitted.
0 = Reset as soon as the shifting is complete, and the next byte is ready to shift.
NOTE
This bit will reset to 0 at every one-byte transmission by the hardware
SBRS (bit 2~bit 0): SPI Baud Rate Select bits
SPI baud rate table is illustrated in the SPI section of this specification.
4.1.12 RE (TMR1: Timer1 register)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0X0E
TMR1/RE
TMR17 TMR16
TMR15
TMR14
TMR13
TMR12
TMR11 TMR10
TMR17~TMR10 is bit sets of timer1 register and it increases until the value matches
PWP and then it resets to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com