Electronic Components Datasheet Search
  English  ▼

X  

EM78451AP Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM78451AP
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78451AP Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM78451AP Datasheet HTML 4Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 5Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 11Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
EM78451
8-Bit Microcontroller
4
•
Product Specification (V1.2) 05.27.2004
(This specification is subject to change without further notice)
4.1 Operational Registers
4.1.1 R0 (Indirect Address Register)
R0 is not a physically implemented register. It is used as an indirect addressing
pointer. Any instruction using R0 as register actually accesses data pointed by the
RAM Select Register (R4).
4.1.2 R1 (TCC)
It is increased by the instruction cycle clock.
Written and read by program as any other register.
4.1.3 R2 (Program Counter) & Stack
R2 and the hardware stacks are 12 bits wide.
The structure is depicted in Fig. 3.
Generates 4K
× 13 on-chip ROM addresses to the relative programming instruction
codes. One program page is 1024 words long.
All the R2 bits are set to "1"s as RESET condition occurs.
"JMP" instruction allows direct loading of the lower 10 program counter bits. Thus,
"JMP" allows it to jump to any location on one page.
"CALL" instruction loads the lower 10 bits of the PC, and then PC+1 is pushed into
the stack. Thus, the subroutine entry address can be located anywhere within a
page.
"RET" ("RETL k", "RETI") instruction loads the program counter with the contents
at the top of stack.
"MOV R2, A" allows the loading of an address from the "A" register to the lower 8
bits of PC, and the ninth and tenth bits (A8~A9) of PC are cleared.
"ADD R2, A" allows a relative address to be added to the current PC, and the ninth
and tenth bits of PC are cleared.
Any instruction that is written to R2 (e.g. "ADD R2, A", "MOV R2, A", "BC R2,6",
⋅⋅⋅⋅⋅)
(except "TBL") will cause the ninth and tenth bits (A8~A9) of PC to be cleared.
Thus, the computed jump is limited to the first 256 locations of any program page.
"TBL" allows a relative address to be added to the current PC (R2+A
→R2), and
contents of the ninth and tenth bits (A8~A9) of PC are not changed. Thus, the
computed jump can be on the second (or third, 4th) 256th locations on one
program page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com