Electronic Components Datasheet Search
  English  ▼

X  

EM78156EAS Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78156EAS
Description  8-Bit Microcontroller with MASK ROM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78156EAS Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78156EAS Datasheet HTML 17Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 18Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 19Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 20Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 21Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 22Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 23Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 24Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
EM78156E
8-Bit Microcontroller with MASK ROM
Product Specification (V1.3) 07.29.2004
• 17
(This specification is subject to change without further notice)
[b]
if WDT is enabled before SLEP, Port 6 Input Status Change Interrupt must be
disabled. Hence, the EM78156E can be awakened only by Case 1 or 2. Refer to
the section on Interrupt.
If Port 6 Input Status Change Interrupt is used to wake-up the EM78156E (Case [a]
above), the following instructions must be executed before SLEP:
MOV A, @xx000110b
; Select internal TCC clock
CONTW
CLR R1
; Clear TCC and prescaler
MOV A, @xxxx1110b
; Select WDT prescaler
CONTW
WDTC
; Clear WDT and prescaler
MOV A, @0xxxxxxxb
; Disable WDT
IOW RE
MOV R6, R6
; Read Port 6
MOV A, @00000x1xb
; Enable Port 6 input change interrupt
IOW RF
ENI (or DISI)
; Enable (or disable) global interrupt
SLEP
; Sleep
NOP
One problem user should be aware of, is that after waking up from the sleep mode,
WDT would enable automatically. The WDT operation (being enabled or disabled)
should be handled appropriately by software after waking up from the sleep mode.
Table 5 The Summary of the Initialized Values for Registers
Address
Name
Reset Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
X
X
X
X
C53
C52
C51
C50
Power-On
U
U
U
U
1
1
1
1
/RESET and WDT
U
U
U
U
1
1
1
1
N/A
IOC5
Wake-Up from Pin
Change
U
U
U
U
P
P
P
P
Bit Name
C67
C66
C65
C64
C63
C62
C61
C60
Power-On
1
1
1
1
1
1
1
1
/RESET and WDT
1
1
1
1
1
1
1
1
N/A
IOC6
Wake-Up from Pin
Change
P
P
P
P
P
P
P
P
Bit Name
X
/INT
TS
TE
PAB
PSR2 PSR1 PSR0
Power-On
1
0
1
1
1
1
1
1
N/A
CONT
/RESET and WDT
1
0
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com