| Electronic Components Datasheet Search |
|
EM78156EAS Datasheet(PDF) 13 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78156EAS Datasheet(HTML) 13 Page - ELAN Microelectronics Corp |
|
13 / 48 page ![]() EM78156E 8-Bit Microcontroller with MASK ROM Product Specification (V1.3) 07.29.2004 • 9 (This specification is subject to change without further notice) Only the lower 4 bits of IOC5 can be defined. IOC5 and IOC6 registers are both readable and writable. 4.2.4 IOCA (Prescaler Counter Register) IOCA register is readable. The value of IOCA is equal to the contents of Prescaler counter. Down counter. 4.2.5 IOCB (Pull-down Control Register) 7 6 5 4 3 2 1 0 /PD7 /PD6 /PD5 /PD4 - /PD2 /PD1 /PD0 Bit 0 (/PD0) Control bit is used to enable the pull-down of P50 pin. 0: Enable internal pull-down 1: Disable internal pull-down Bit 1 (/PD1) Control bit is used to enable the pull-down of P51 pin. Bit 2 (/PD2) Control bit is used to enable the pull-down of P52 pin. Bit 3 Not used. Bit 4 (/PD4) Control bit is used to enable the pull-down of P60 pin. Bit 5 (/PD5) Control bit is used to enable the pull-down of P61 pin. Bit 6 (/PD6) Control bit is used to enable the pull-down of P62 pin. Bit 7 (/PD7) Control bit is used to enable the pull-down of P63 pin. IOCB Register is both readable and writable. 4.2.6 IOCC (Open-drain Control Register) 7 6 5 4 3 2 1 0 OD7 OD6 OD5 OD4 OD3 OD2 OD1 OD0 Bit 0 (OD0) Control bit used to enable the open-drain of P60 pin. 0: Disable open-drain output 1: Enable open-drain output Bit 1 (OD1) Control bit is used to enable the open-drain of P61 pin. Bit 2 (OD2) Control bit is used to enable the open-drain of P62 pin. Bit 3 (OD3) Control bit is used to enable the open-drain of P63 pin. Bit 4 (OD4) Control bit is used to enable the open-drain of P64 pin. Bit 5 (OD5) Control bit is used to enable the open-drain of P65 pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |