Electronic Components Datasheet Search
  English  ▼

X  

EM78156EAS Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78156EAS
Description  8-Bit Microcontroller with MASK ROM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78156EAS Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78156EAS Datasheet HTML 35Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 36Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 37Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 38Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 39Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 40Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 41Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 42Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
EM78156E
8-Bit Microcontroller with MASK ROM
Product Specification (V1.3) 07.29.2004
• 35
(This specification is subject to change without further notice)
Vol/Iol (VDD=5V)
0
10
20
30
40
50
60
70
80
012
345
Vol(Volt)
Vol/Iol (VDD=3V)
0
5
10
15
20
25
30
35
00.5
1
1.522.5
3
Vol(Volt)
Fig. 22 Port5, Port6 Vol vs. Iol, VDD = 3V
Fig. 21 Port5, Port6 Vol vs. Iol, VDD = 5V
Min 70℃
Typ 25℃
Max 0℃
Max 0℃
Typ 25℃
Min 70℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com