Electronic Components Datasheet Search
  English  ▼

X  

EM78156EAS Datasheet(PDF) 29 Page - ELAN Microelectronics Corp

Part # EM78156EAS
Description  8-Bit Microcontroller with MASK ROM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78156EAS Datasheet(HTML) 29 Page - ELAN Microelectronics Corp

Back Button EM78156EAS Datasheet HTML 25Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 26Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 27Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 28Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 29Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 30Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 31Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 32Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 33Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
EM78156E
8-Bit Microcontroller with MASK ROM
Product Specification (V1.3) 07.29.2004
• 25
(This specification is subject to change without further notice)
4.8 CODE Option Register
The EM78156E has a CODE option word that is not a part of the normal program
memory. The option bits cannot be accessed during normal program execution.
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
LVDD
CLK
/ENWDT
HLF
MS
-
Bit 0 (LVDD
):
Levels of the Operating Voltage.
0: Operating Voltage 2.3V ~ 5.5V, non-power saving.
1: Operating Voltage 4V ~ 5.5V, power saving.
Bit 1 (CLK)
:
Instruction period option bit.
0: two oscillator periods.
1: four oscillator periods.
Refer to the section on Instruction Set.
Bit 2 (/ENWDT)
: Watchdog timer enable bit.
0: Enable
1: Disable
Bit 3 (HLF)
:
XTAL frequency selection
0: XTAL2 type (low frequency, 32.768KHz)
1: XTAL1 type (high frequency)
This bit will affect system oscillation only when Bit4(MS) is “1”. When MS is”0”, HLF
must be “0”.
NOTE
The transient point of system frequency between HXT and LXY is around 400 KHz.
Bit 4 (MS
):
Oscillator type selection.
0: RC type
1: XTAL type (XTAL1 and XTAL2)
Bit 5
:
Reserved.
The bit is set to “1” all the time.
4.9 Power On Considerations
Any microcontroller is not guaranteed to start to operate properly before the power
supply stays at its steady state.
EM78156E POR voltage range is 1.2V~1.8V. Under customer application, when
power is OFF, Vdd must drop to below 1.2V and remains OFF for 10us before power
can be switched ON again. This way, the EM78156E will reset and work normally. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com