Electronic Components Datasheet Search
  English  ▼

X  

EM78156EAS Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78156EAS
Description  8-Bit Microcontroller with MASK ROM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78156EAS Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78156EAS Datasheet HTML 3Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 4Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 5Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 6Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 7Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 8Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 9Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 10Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
EM78156E
8-Bit Microcontroller with MASK ROM
Product Specification (V1.3) 07.29.2004
• 3
(This specification is subject to change without further notice)
Table 2 EM78156EAS Pin Description
Symbol
Pin No.
Type
Function
VDD
15
-
■ Power supply.
OSCI
17
I
■ XTAL type: Crystal input terminal or external clock input pin.
■ ERC type: RC oscillator input pin.
OSCO
16
I/O
■ XTAL type: Output terminal for crystal oscillator or external clock input pin.
■ RC type: Instruction clock output.
■ External clock signal input.
TCC
4
I
■ The real time clock/counter (with Schmitt trigger input pin), must be tied to
VDD or VSS if not in use.
/RESET
5
I
■ Input pin with Schmitt trigger. If this pin remains at logic low, the controller
will also remain keep in reset condition.
P50~P53
18, 19,
2, 3
I/O
■ P50~P53 are bi-directional I/O pins.
■ P50 and P51 can also be defined as the R-option pins.
■ P50~P52 can also be pulled-down by software.
P60~P67
7~14
I/O
■ P60~P67 are bi-directional I/O pins.
■ These can be pulled-high or can be open-drain by software programming.
■ P60~P63 can be pulled-down also by software.
/INT
7
I
■ External interrupt pin triggered by falling edge.
VSS
6
-
■ Ground.
Table 3 EM78156EKM Pin Description
Symbol
Pin No.
Type
Function
VDD
15,16
-
■ Power supply.
OSCI
18
I
■ XTAL type: Crystal input terminal or external clock input pin.
■ ERC type: RC oscillator input pin.
OSCO
17
I/O
■ XTAL type: Output terminal for crystal oscillator or external clock input pin.
■ RC type: Instruction clock output.
■ External clock signal input.
TCC
3
I
■ The real time clock/counter (with Schmitt trigger input pin), must be tied to
VDD or VSS if not in use.
/RESET
4
I
■ Input pin with Schmitt trigger. If this pin remains at logic low, the controller
will also remain in reset condition.
P50~P53
19, 20,
1, 2
I/O
■ P50~P53 are bi-directional I/O pins.
■ P50 and P51 can also be defined as the R-option pins.
■ P50~P52 can be pulled-down by software.
P60~P67
7~14
I/O
■ P60~P67 are bi-directional I/O pins.
■ These can be pulled-high or can be open-drain by software programming.
■ P60~P63 can also be pulled-down by software.
/INT
7
I
■ External interrupt pin triggered by falling edge.
VSS
5, 6
-
■ Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com