Electronic Components Datasheet Search
  English  ▼

X  

EM78156EAS Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM78156EAS
Description  8-Bit Microcontroller with MASK ROM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78156EAS Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM78156EAS Datasheet HTML 31Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 32Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 33Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 34Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 35Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 36Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 37Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 38Page - ELAN Microelectronics Corp EM78156EAS Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
EM78156E
8-Bit Microcontroller with MASK ROM
Product Specification (V1.3) 07.29.2004
• 31
(This specification is subject to change without further notice)
5
ABSOLUTE MAXIMUNM RATINGS
Items
Rating
Temperature under bias
0
°C to 70°C
Storage temperature
-65
°C to 150°C
Input voltage
Vss-0.3V to Vdd+0.5V
Output voltage
Vss-0.3V to Vdd+0.5V
6
ELECTRICAL CHARACTERISTICS
6.1 DC Electrical Characteristic
(Ta=25
°C, VDD=5V±5%, VSS=0V)
Symbol
Parameter
Condition
Min
Typ.
Max
Unit
XTAL: VDD to 3V
Two cycle with two clocks
DC
8.0
MHz
FXT
XTAL: VDD to 5V
Two cycle with two clocks
DC
20.0
MHz
ERC
ERC: VDD to 5V
R: 5.1K
Ω, C: 100 pF
F
±30% 940 F±30%
KHz
IIL
Input Leakage Current for input pins
VIN = VDD, VSS
±1
µA
VIH1
Input High Voltage (VDD=5V)
Ports 5, 6
2.0
V
VIL1
Input Low Voltage (VDD=5V)
Ports 5, 6
0.8
V
VIHT1
Input High Threshold Voltage
(VDD=5V)
/RESET,TCC(Schmitt trigger)
2.0
V
VILT1
Input Low Threshold Voltage
(VDD=5V)
/RESET,TCC(Schmitt trigger)
0.8
V
VIHX1
Clock Input High Voltage (VDD=5V)
OSCI
3.5
V
VILX1
Clock Input Low Voltage (VDD=5V)
OSCI
1.5
V
VIH2
Input High Voltage (VDD=3V)
Ports 5, 6
1.5
V
VIL2
Input Low Voltage (VDD=3V)
Ports 5, 6
0.4
V
VIHT2
Input High Threshold Voltage
(VDD=3V)
/RESET,TCC(Schmitt trigger)
1.5
V
VILT2
Input Low Threshold Voltage
(VDD=3V)
/RESET,TCC(Schmitt trigger)
0.4
V
VIHX2
Clock Input High Voltage (VDD=3V)
OSCI
2.1
V
VILX2
Clock Input Low Voltage (VDD=3V)
OSCI
0.9
V
VOH1
Output High Voltage (Ports 5)
IOH = -12.0 mA
2.4
V
VOH1
Output High Voltage (Ports 6)
(Schmitt trigger)
IOH = -12.0 mA
2.4
V
VOL1
Output Low Voltage(Port5)
IOL = 12.0 mA
0.4
V
VOL1
Output Low Voltage (Ports 6)
(Schmitt trigger)
IOL = 12.0 mA
0.4
V
IPH
Pull-high current
Pull-high active, input pin at
VSS
-50
-70
-240
µA
IPD
Pull-down current
Pull-down active, input pin at
VDD
25
50
120
µA
ISB1
Power down current
All input and I/O pins at VDD,
output pin floating, WDT
disabled
1
2
µA
ISB2
Power down current
All input and I/O pins at VDD,
output pin floating, WDT
enabled
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com