Electronic Components Datasheet Search
  English  ▼

X  

HCS12COREUG Datasheet(PDF) 108 Page - Motorola, Inc

Part # HCS12COREUG
Description  MC9S12DT128B
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS12COREUG Datasheet(HTML) 108 Page - Motorola, Inc

Back Button HCS12COREUG Datasheet HTML 104Page - Motorola, Inc HCS12COREUG Datasheet HTML 105Page - Motorola, Inc HCS12COREUG Datasheet HTML 106Page - Motorola, Inc HCS12COREUG Datasheet HTML 107Page - Motorola, Inc HCS12COREUG Datasheet HTML 108Page - Motorola, Inc HCS12COREUG Datasheet HTML 109Page - Motorola, Inc HCS12COREUG Datasheet HTML 110Page - Motorola, Inc HCS12COREUG Datasheet HTML 111Page - Motorola, Inc HCS12COREUG Datasheet HTML 112Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 124 page
background image
MC9S12DT128B Device User Guide — V01.07
108
This is very important to notice with respect to timers, serial modules where a pre-scaler will eliminate the
effect of the jitter to a large extent.
Table A-16 PLL Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
P Self Clock Mode frequency
fSCM
1
5.5
MHz
2
D VCO locking range
fVCO
8
50
MHz
3D
Lock Detector transition from Acquisition to Tracking
mode
|∆
trk|
34
%1
NOTES:
1. % deviation from target frequency
4
D Lock Detection
|∆
Lock|
0
1.5
%(1)
5
D Un-Lock Detection
|∆
unl|
0.5
2.5
%(1)
6D
Lock Detector transition from Tracking to Acquisition
mode
|∆
unt|
68
%(1)
7C PLLON Total Stabilization delay (Auto Mode) 2
2. fREF = 4MHz, fBUS = 25MHz equivalent fVCO = 50MHz: REFDV = #$03, SYNR = #$018, Cs = 4.7nF, Cp = 470pF, Rs =
10K
Ω.
tstab
0.5
ms
8D PLLON Acquisition mode stabilization delay (2)
tacq
0.3
ms
9D PLLON Tracking mode stabilization delay (2)
tal
0.2
ms
10
D Fitting parameter VCO loop gain
K1
-120
MHz/V
11
D Fitting parameter VCO loop frequency
f1
75
MHz
12
D Charge pump current acquisition mode
| ich |
38.5
µA
13
D Charge pump current tracking mode
| ich |
3.5
µA
14
C Jitter fit parameter 1(2)
j1
1.1
%
15
C Jitter fit parameter 2(2)
j2
0.13
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com