Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4449
Description  150V Dual High-Side MOSFET Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 5 Page - Analog Devices

  LTC4449 Datasheet HTML 1Page - Analog Devices LTC4449 Datasheet HTML 2Page - Analog Devices LTC4449 Datasheet HTML 3Page - Analog Devices LTC4449 Datasheet HTML 4Page - Analog Devices LTC4449 Datasheet HTML 5Page - Analog Devices LTC4449 Datasheet HTML 6Page - Analog Devices LTC4449 Datasheet HTML 7Page - Analog Devices LTC4449 Datasheet HTML 8Page - Analog Devices LTC4449 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LTC7067
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
G1IN/G2IN Pin Thresholds
vs Temperature
TA = 25°C, unless otherwise noted.
Quiescent Supply Current
vs Supply Voltage
VCC Undervoltage Lockout
Thresholds vs Temperature
VCC Overvoltage Lockout
Thresholds vs Temperature
Supply Current
vs Input Frequency
Switching Supply Current
vs Load Capacitance
VIH(G1IN),VIH(G2IN)
VIL(G1IN),VIL(G2IN)
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
0.5
0.7
0.9
1.1
1.3
1.5
1.7
7067 G01
IVCC
IG2VCC, G2 = L
IG1VCC, G1 = L
IG2VCC, G2 = H
IG1VCC, G1 = H
VCC,VG1VCC–VG1RTN, VG2VCC–VG2RTN (V)
5
6
7
8
9
10 11 12 13 14
0
50
100
150
200
250
300
7067 G02
VCC RISING
VCC FALLING
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
4.0
4.2
4.4
4.6
4.8
5.0
7067 G03
VCC RISING
VCC FALLING
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
13.0
13.5
14.0
14.5
15.0
Thresholds vs Temperature
7067 G04
VCC = G1VCC = G2VCC = 10V
CG1 = CG2 = 3.3nF
G1RTN = G1RTN = 0V
IVCC
IG1VCC, IG2VCC
FREQUENCY (kHz)
0
200
400
600
800
1000
0
5
10
15
20
25
30
35
40
0
100
200
300
400
500
600
700
800
7067 G05
VCC = G1VCC = G2VCC = 10V
G1RTN = G2RTN = 0V
IG1VCC, IG2VCC;
fIN = 500kHz
IG1VCC, IG2VCC; fIN = 100kHz
IVCC; fIN = 500kHz
LOAD CAPACITANCE (nF)
1
10
30
0.1
1
10
100
7067 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com