Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4449
Description  150V Dual High-Side MOSFET Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 6Page - Analog Devices LTC4449 Datasheet HTML 7Page - Analog Devices LTC4449 Datasheet HTML 8Page - Analog Devices LTC4449 Datasheet HTML 9Page - Analog Devices LTC4449 Datasheet HTML 10Page - Analog Devices LTC4449 Datasheet HTML 11Page - Analog Devices LTC4449 Datasheet HTML 12Page - Analog Devices LTC4449 Datasheet HTML 13Page - Analog Devices LTC4449 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LTC7067
14
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
www.analog.com
11/21
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC7060
100V Half-Bridge Driver with Floating
Grounds and Programmable Dead-Time
Up to 100V Supply Voltage, 6V ≤ VCC ≤ 14V, 0.8Ω Pull-Down, 1.5Ω Pull-Up, Symmetric
Floating Gate Driver Architecture, Adjustable Dead-Time from 31ns to 76ns
LTC7061
100V Half-Bridge Gate Driver with
Floating Grounds and Adjustable
Dead-Time
Up to 100V Supply Voltage, 5V ≤ VCC ≤ 14V, 0.8Ω Pull-Down, 1.5Ω Pull-Up, Two Inputs,
Symmetric Floating Gate Driver Architecture, Adjustable Dead-Time from 31ns to 76ns
LTC7063
150V Half-Bridge Driver with Floating
Grounds and Programmable Dead-Time
Up to 150V Supply Voltage, 6V ≤ VCC ≤ 14V, 0.8Ω Pull-Down, 1.5Ω Pull-Up, Symmetric
Floating Gate Driver Architecture, Adjustable Dead-Time from 31ns to 76ns
LTC4449
High Speed Synchronous N-Channel
MOSFET Driver
Up to 38V Supply Voltage, 4V ≤ VCC ≤ 6.5V, Adaptive Shoot-Through Protection, 2mm ×
3mm DFN-8
LTC4442/
LTC4442-1
High Speed Synchronous N-Channel
MOSFET Driver
Up to 38V Supply Voltage, 6V ≤ VCC ≤ 9.5V, 2.4A Peak Pull-Up/5A Peak Pull-Down
LTC4444/
LTC4444-5
High Voltage Synchronous N-Channel
MOSFET driver with Shoot-Through
Protection
Up to 100V Supply Voltage, 4.5V/7.2V ≤ VCC ≤ 13.5V, 3A Peak Pull-Up/0.55Ω Peak
Pull-Down
LTC7851
Quad Output, Multiphase, Step-Down
Voltage Mode DC/DC Controller with
Accurate Current Sharing
Operates with Power Block, DrMOS or External Drivers and MOSFETs, 3V ≤ VIN ≤ 24V
LTC3861
Dual, Multiphase, Step-Down Voltage
Mode DC/DC Controller with Accurate
Current Sharing
Operates with Power Block, DrMOS or External Gate Driver and MOSFETs, 3V ≤ VIN ≤ 24V
LTC3774
Dual, Multiphase, Current Mode
Synchronous Step-Down DC/DC
Controller for Sub-Milliohm DCR Sensing
Operates with DrMOS, Power Blocks or External Drivers/MOSFETs, 4.5V ≤ VIN ≤ 38V,
0.6V ≤ VOUT ≤ 3.5V
51k
G1
G1IN
FLT
G1VCC
VCC
G2
G2RTN
VIN1
VCC
10V
LTC7067
(FROM C)
VOUT2
SGND
G2IN
G2VCC
VIN2
G1RTN
VOUT1
10V
60V
20V
80V
7067 TA02
Dual Outputs Boost Converters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com