Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 4 Page - Analog Devices

  AD7380 Datasheet HTML 1Page - Analog Devices AD7380 Datasheet HTML 2Page - Analog Devices AD7380 Datasheet HTML 3Page - Analog Devices AD7380 Datasheet HTML 4Page - Analog Devices AD7380 Datasheet HTML 5Page - Analog Devices AD7380 Datasheet HTML 6Page - Analog Devices AD7380 Datasheet HTML 7Page - Analog Devices AD7380 Datasheet HTML 8Page - Analog Devices AD7380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
AD7380-4
Data Sheet
Rev. 0 | Page 4 of 31
VCC = 3.0 V to 3.6 V, VLOGIC = 1.65 V to 3.6 V, external VREF = 2.5 V, TA = −40°C to +125°C, no oversampling enabled, unless otherwise noted.
Table 3
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SAMPLING DYNAMICS
Input Bandwidth
At −0.1 dB
6.6
MHz
At −3 dB
26.8
MHz
Aperture Delay
2
ns
Aperture Delay Match
46.8
145
ps
Aperture Jitter
20
ps
REFERENCE INPUT
VREF Input Voltage Range
External reference
2.49
3.4
V
VREF Input Current
External reference
0.9
1.2
mA
DIGITAL INPUTS (SCLK, SDI, CS)
Logic Levels
Input Voltage Low (VIL)
VLOGIC < 2.3 V
0.45
V
VLOGIC ≥ 2.3 V
0.7
V
Input Voltage High (VIH)
VLOGIC < 2.3 V
VLOGIC −
0.45 V
V
VLOGIC ≥ 2.3 V
0.8 × VLOGIC
V
Input Current Low (IIL)
−1
+1
µA
Input Current High (IIH)
−1
+1
µA
DIGITAL OUTPUTS (SDOA, SDOB, SDOC,
SDOD/ALERT)
Output Coding
Twos complement
Bits
Output Voltage Low (VOL)
Current sink (ISINK) = 300 µA
0.4
V
Output Voltage High (VOH)
Current source (ISOURCE) = −300 µA
VLOGIC − 0.3
V
Floating State Leakage Current
±1
µA
Floating State Output Capacitance
10
pF
POWER SUPPLIES
VCC
3.0
3.3
3.6
V
External reference = 3.3 V
3.15
3.3
3.6
V
VLOGIC
1.65
3.6
V
VCC Supply Current (IVCC)
Normal Mode (Static)
1.7
2
mA
Shutdown Mode
101
200
µA
VLOGIC Current (IVLOGIC)
Analog inputs at positive full scale
Normal Mode (Static)
10
200
nA
Normal Mode (Operational)
7.3
8
mA
Shutdown Mode
10
200
nA
Power Dissipation
VCC Power (PVCC)
Normal Mode (Static)
6.1
7.2
mW
Shutdown Mode
363.6
720
µW
VLOGIC Power (PVLOGIC)
Analog inputs at positive full scale
Normal Mode (Static)
36
720
nW
Normal Mode (Operational)
26.3
29
mW
Shutdown Mode
36
720
nW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com