Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7380 Datasheet HTML 6Page - Analog Devices AD7380 Datasheet HTML 7Page - Analog Devices AD7380 Datasheet HTML 8Page - Analog Devices AD7380 Datasheet HTML 9Page - Analog Devices AD7380 Datasheet HTML 10Page - Analog Devices AD7380 Datasheet HTML 11Page - Analog Devices AD7380 Datasheet HTML 12Page - Analog Devices AD7380 Datasheet HTML 13Page - Analog Devices AD7380 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
AD7380-4
Data Sheet
Rev. 0 | Page 10 of 31
TYPICAL PERFORMANCE CHARACTERISTICS
–140
–120
–180
0
200
400
600
FREQUENCY (kHz)
800
1000
–160
–100
–80
–60
–40
–20
0
fIN = 1kHz
SNR = 91.71dB
THD = –104.71dB
SINAD = 91.51dB
VREF = 3.3V
Figure 10. Fast Fourier Transform (FFT), External Reference Voltage = 3.3 V
74
76
82
80
78
92
84
88
90
86
94
1
10
100
1000
FREQUENCY (kHz)
VREF = 2.5V (EXTERNAL)
VREF = 3.3V (EXTERNAL)
Figure 11. SNR vs. Frequency
1
10
100
1000
FREQUENCY (kHz)
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
VREF = 2.5V (EXTERNAL)
VREF = 3.3V (EXTERNAL)
Figure 12. THD vs. Frequency
74
76
78
80
82
86
84
88
90
94
92
1
10
100
1000
FREQUENCY (kHz)
VREF = 2.5V (INTERNAL)
VREF = 3.3V (EXTERNAL)
Figure 13. SINAD vs. Frequency
84
86
88
90
92
94
96
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VREF = 3.3V (EXTERNAL)
VREF = 2.5V (EXTERNAL)
Figure 14. SNR vs. Temperature
–130
–125
–120
–115
–110
–105
–80
–85
–90
–95
–100
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VREF = 3.3V (EXTERNAL)
VREF = 2.5V (EXTERNAL)
Figure 15. THD vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com