Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7380 Datasheet HTML 11Page - Analog Devices AD7380 Datasheet HTML 12Page - Analog Devices AD7380 Datasheet HTML 13Page - Analog Devices AD7380 Datasheet HTML 14Page - Analog Devices AD7380 Datasheet HTML 15Page - Analog Devices AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Data Sheet
AD7380-4
Rev. 0 | Page 15 of 31
ADC TRANSFER FUNCTION
The AD7380-4 uses a 2.5 V to 3.3 V reference. The AD7380-4
converts the differential voltage of the analog inputs (AINx+ and
AINx−) into a digital output.
The conversion result is MSB first, twos complement. The LSB
size is (2 × VREF)/2N, where N is the ADC resolution. The ADC
resolution is determined by the resolution of the device chosen
and if resolution boost mode is enabled. Table 9 outlines the
LSB size expressed in microvolts for different resolutions and
reference voltage options.
The ideal transfer characteristic of the AD7380-4 is shown in
Figure 29.
+FSR – 1LSB
–FSR – 1LSB
–FSR
100 ... 000
011 ... 111
011 ... 110
011 ... 101
100 ... 010
100 ... 001
+FSR – 1.5LSB
–FSR – 0.5LSB
Figure 29. ADC Ideal Transfer Function (FSR = Full-Scale Range)
Table 9. LSB Size
Resolution (Bits)
2.5 V Reference (µV)
3.3 V Reference (µV)
16
76.3
100.7
18
19.1
25.2
AINA+
SDOA
DIGITAL HOST
(MICROPROCESSOR/
FPGA)
SCLK
1µF
1µF
3.0V
TO
3.6V
1.65V
TO
3.6V
VCC
VLOGIC
SDI
EXPOSED
PAD
CS
AINA–
AINC+
AINx+
AINx–
AINC–
REFIN
REGCAP
GND
SDOC
SDOB
C1
R
V+
10kΩ
10kΩ
1µF
VCM = VREF ÷ 2
VREF = 2.5V TO 3.3V
0V
1µF
100Ω
100Ω
100Ω
100Ω
VREF
AD7380-4
V+
V–
C1
C2
R
0V
VREF
VCM
VCM
V+
V–
AIND+
AIND–
V+
V+ = 5V
REF
LDO
V–
LDO
LDO
SDOD/ALERT
NOTES
1. V– IS THE EXTERNAL SUPPLY VOLTAGE (–2.5V) FOR THE DRIVER AMPLIFIER.
2. PLACE DECOUPLING CAPACITORS CLOSE TO (IDEALLY, RIGHT UP AGAINST)
THE DEVICE SUPPLY PINS AND REFERENCE PIN.
Figure 30. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com