Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices AD7380 Datasheet HTML 22Page - Analog Devices AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
AD7380-4
Data Sheet
Rev. 0 | Page 20 of 31
POWER MODES
The AD7380-4 has two power modes that can be set in the
Configuration 1 register: normal mode and shutdown mode.
These modes of operation provide flexible power management
options, allowing optimization of the power dissipation and
throughput rate ratio for different application requirements.
Program the PMODE bit in the Configuration 1 register to
configure the power modes in the AD7380-4. Set PMODE to
Logic 0 for normal mode and Logic 1 for shutdown mode.
Normal Mode
Keep the AD7380-4 in normal mode to achieve the fastest
throughput rate. All blocks within the AD7380-4 always remain
fully powered and an ADC conversion can be initiated by a
falling edge of CS when required. When the AD7380-4 is not
converting, it is in static mode and power consumption is
automatically reduced. Additional current is required to
perform a conversion. Therefore, power consumption of the
AD7380-4 scales with throughput.
Shutdown Mode
When slower throughput rates and lower power consumption
are required, use shutdown mode by either powering down the
ADC between each conversion or by performing a series of
conversions at a high throughput rate and then powering down
the ADC for a relatively long duration between these burst
conversions. When the AD7380-4 is in shutdown mode, all
analog circuitry powers down. The serial interface remains
active during shutdown mode to allow the AD7380-4 to exit
shutdown mode.
To enter shutdown mode, write to the power mode
configuration bit, PMODE, in the Configuration 1 register.
The AD7380-4 shuts down, and current consumption reduces.
To exit shutdown mode and return to normal mode, set the
PMODE bit in the CONFIGURATION1 register to Logic 0. All
register configuration settings remain unchanged entering or
leaving shutdown mode. After exiting shutdown mode, allow
sufficient time for the circuitry to turn on before starting a
conversion.
EXTERNAL REFERENCE
The AD7380-4 core refers to the voltage in the REFIN pin
during ADC conversion. The reference voltage of the
AD7380-4 is driven through the REFIN pin. This pin can be
supplied with a voltage ranging from 2.5 V to 3.3 V. The
external reference voltage must have enough current to drive
the AD7380-4, which is a maximum of 1.2 mA. Connecting a
1 µF capacitor to the REFIN pin is recommended. The
recommended external voltage reference is the ADR4525 for
2.5 V and the ADR4533 for 3.3 V.
SOFTWARE RESET
The AD7380-4 has two reset modes: a soft reset and a hard
reset. A reset is initiated by writing to the reset bits in the
Configuration 2 register.
A soft reset maintains the contents of the configurable registers
but refreshes the interface and the ADC blocks. Any internal
state machines are reinitialized, and the oversampling block
and FIFO are flushed. The alert indication register is cleared.
The reference and LDO regulator remain powered.
A hard reset, in addition to the blocks reset by a soft reset,
resets all user registers to the default status, and resets the
internal oscillator block.
DIAGNOSTIC SELF TEST
The AD7380-4 runs a diagnostic self test after a POR or after a
software hard reset to ensure that the correct configuration is
loaded into the device.
The result of the self test is displayed in the SETUP_F bit in the
alert indication register. If the SETUP_F bit is set to Logic 1, the
diagnostic self test has failed. If the test fails, perform a software
hard reset to reset the AD7380-4 registers to the default status.
CS
tSTARTUP
POWER-DOWN
MODE
NORMAL
MODE
ACCURATE
CONVERSION
SDI
SHUTDOWN
NORMAL
Figure 34. Shutdown Mode Operation
CS
tRESET
SDI
SOFTWARE RESET
Figure 35. Software Reset Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com