Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices AD7380 Datasheet HTML 27Page - Analog Devices AD7380 Datasheet HTML 28Page - Analog Devices AD7380 Datasheet HTML 29Page - Analog Devices AD7380 Datasheet HTML 30Page - Analog Devices AD7380 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
AD7380-4
Data Sheet
Rev. 0 | Page 28 of 31
CONFIGURATION 2 REGISTER
Addressing
Reset
SDO
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:12] ADDRESSING (R/W)
[7:0] RESET (R/W)
[11:10] RESERVED
[9:8] SDO (R/W)
Table 19. Bit Descriptions for Configuration 2 Register
Bits
Bit Name
Description
Reset
Access
[15:12]
ADDRESSING
Addressing Bits. These bits define the address of the relevant register. See the Addressing
Registers section for further details.
0x0
R/W
[11:10]
RESERVED
Reserved.
0x0
R
[9:8]
SDO
SDO. Conversion Results Serial Data Output
0x0
R/W
00: 2-wire output. Conversion data are output on both SDOA and SDOB.
01: 1-wire output. Conversion data are output on SDOA only.
10: 4-wire. Conversion data are output on SDOA, SDOB, SDOC, and SDOD/ALERT.
11: 1-wire. Conversion data are output on SDOA, only.
[7:0]
RESET
Reset.
0x0
R/W
0x3C: performs a soft reset. Refreshes some blocks, register contents remain unchanged.
Clears alert indication register and flushes any oversampling stored variables or active state
machine.
0xFF: performs a hard reset. Resets all possible blocks in the device. Registers contents are
set to defaults. All other values are ignored.
ALERT INDICATION REGISTER
Addressing.
Alert A Low.
Alert A High.
CRC Error.
Alert B Low.
Load Error.
Alert B High.
Alert D High.
Alert C Low.
Alert D Low.
Alert C High.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:12] ADDRESSING (R)
[0] AL_A_LOW (R)
[11:10] RESERVED
[1] AL_A_HIGH (R)
[9] CRCW_F (R)
[2] AL_B_LOW (R)
[8] SETUP_F (R)
[3] AL_B_HIGH (R)
[7] AL_D_HIGH (R)
[4] AL_C_LOW (R)
[6] AL_D_LOW (R)
[5] AL_C_HIGH (R)
Table 20. Bit Descriptions for Alert Indication Register
Bits
Bit Name
Description
Reset
Access
[15:12]
ADDRESSING
Addressing. Bits[15:12] define the address of the relevant register. See the Addressing
Registers section for further details.
0x0
R
[11:10]
RESERVED
Reserved.
0x0
R
9
CRCW_F
CRC Error. Indicates that a register write command failed due to a CRC error. This fault bit is
sticky and remains set until the register is read
0x0
R
0: no CRC error.
1: CRC error.
8
SETUP_F
Load Error. The SETUP_F indicates that the device configuration data did not load correctly
on startup. This bit does not clear on an alert indication register read. A hard reset via the
Configuration 2 register is required to clear this bit and restart the device setup.
0x0
R
0: no setup error.
1: setup error.
7
AL_D_HIGH
Alert D High. The alert indication high bit indicates if a conversion result for the respective
input channel exceeds the value set in the alert high threshold register. This fault bit is sticky
and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com