Electronic Components Datasheet Search
  English  ▼

X  

LTC3622 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC3622
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3622 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC3622 Datasheet HTML 4Page - Analog Devices LTC3622 Datasheet HTML 5Page - Analog Devices LTC3622 Datasheet HTML 6Page - Analog Devices LTC3622 Datasheet HTML 7Page - Analog Devices LTC3622 Datasheet HTML 8Page - Analog Devices LTC3622 Datasheet HTML 9Page - Analog Devices LTC3622 Datasheet HTML 10Page - Analog Devices LTC3622 Datasheet HTML 11Page - Analog Devices LTC3622 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
LTC7131-1
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT Error vs VOUT
VOUT Command INL
VOUT Command DNL
VIN Measurement Error vs VIN
IOUT Measurement Error vs IOUT
IIN Measurement Error vs IIN
IOUT Measurement Error
vs Inductor Ripple Current
Valley Current Threshold
vs ITH Voltage
Current Limit vs Temperature
OUTPUT VOLTAGE (V)
0
1
2
3
4
5
–1.0
–0.5
0
0.5
1.0
7131-1 G19
MFR_VOUT_COMMAND VALUE (%)
–25
–12.5
0
12.5
25
–1.0
–0.5
0
0.5
1.0
7131-1 G20
MFR_VOUT_COMMAND VALUE (%)
–25
–12.5
0
12.5
25
–1.0
–0.5
0
0.5
1.0
7131-1 G21
INPUT VOLTAGE (V)
0
5
10
15
20
–1.0
–0.5
0
0.5
1.0
7131-1 G22
VIN = 12V, VOUT = 1.5V
CCM MODE
FRONT PAGE CIRCUIT
OUTPUT CURRENT (A)
0
5
10
15
20
25
–2
–1
0
1
2
7131-1 G23
VIN = 12V, VOUT = 1.5V
CCM MODE
FRONT PAGE CIRCUIT
IOUT = 0 to 25A
INPUT CURRENT (A)
0
1
2
3
4
–0.50
–0.25
0
0.25
0.50
7131-1 G24
INDUCTOR RIPPLE RANGE
FOR BEST ACCURACY
DUTY CYCLE < 50%
INDUCTOR RIPPLE (% of MAX LOAD)
0
20
40
60
80
100
–4
–2
0
2
4
7131-1 G25
ILIM = 0
ILIM = 1V
ILIM = INTVCC
ITH VOLTAGE (V)
0
0.3
0.6
0.9
1.2
–30
–20
–10
0
10
20
30
7131-1 G26
ILIM = INTVCC
TEMPERATURE (°C)
–50
0
50
100
150
25
26
27
28
7131-1 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com