Electronic Components Datasheet Search
  English  ▼

X  

LTC3622 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC3622
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3622 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC3622 Datasheet HTML 18Page - Analog Devices LTC3622 Datasheet HTML 19Page - Analog Devices LTC3622 Datasheet HTML 20Page - Analog Devices LTC3622 Datasheet HTML 21Page - Analog Devices LTC3622 Datasheet HTML 22Page - Analog Devices LTC3622 Datasheet HTML 23Page - Analog Devices LTC3622 Datasheet HTML 24Page - Analog Devices LTC3622 Datasheet HTML 25Page - Analog Devices LTC3622 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
LTC7131-1
22
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Minimum Off-Time and Minimum On-Time
Considerations
The minimum off-time, tOFF(MIN), is the smallest amount of
time that the LTC7131-1 is capable of turning on the bottom
power MOSFET, tripping the current comparator and turning
the power MOSFET back off. This time is generally about
100ns. The minimum off-time limit imposes a maximum
duty cycle of tON/(tON + tOFF(MIN)). If the maximum duty
cycle is reached, due to a dropping input voltage for exam-
ple, then the output will drop out of regulation. The mini-
mum input voltage to avoid dropout is given by Equation 4.
VIN(MIN) = VOUT •
tON + tOFF(MIN)
tON
(4)
Conversely, the minimum on-time is the smallest dura-
tion of time in which the top power MOSFET can be in
its “on” state. This time is typically 75ns. In continuous
mode operation, the minimum on-time limit imposes a
minimum duty cycle of Equation 5.
DCMIN = f • tON(MIN)
(5)
where tON(MIN) is the minimum on-time. As the Equation 5
shows, reducing the operating frequency will alleviate the
minimum duty cycle constraint.
In the cases where the minimum duty cycle is surpassed,
the output voltage will still remain in regulation, but the
switching frequency will decrease from its programmed
value. This is an acceptable result in many applications, so
this constraint may not be of critical importance in most
cases. High switching frequencies may be used in the
design without any fear of severe consequences. As the
sections on inductor and capacitor selection show, high
switching frequencies allow the use of smaller board com-
ponents, thus reducing the size of the application circuit.
Inductor Selection
Given the desired input and output voltages, the inductor
value and operating frequency determine the ripple cur-
rent given by Equation 6.
ΔIL =
VOUT
f •L
• 1−
VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
(6)
Lower ripple current reduces core losses in the inductor,
ESR losses in the output capacitors and output voltage
ripple. Highest efficiency operation is obtained at low fre-
quency with small ripple current. However, achieving this
requires a large inductor. There is a trade-off between
component size, efficiency and operating frequency.
A reasonable starting point is to choose a ripple current
that is about 30-40% of IOUT(MAX). This is especially
important at low VOUT operation where VOUT is 1.8V
or below. Care must be given to choose an inductance
value that will generate a big enough current ripple so
that the chip’s valley current comparator has enough sig-
nal-to-noise ratio to force constant switching frequency.
Meanwhile, also note that the largest ripple current occurs
at the highest VIN. To guarantee that ripple current does
not exceed a specified maximum, the inductance should
be chosen according to Equation 7.
L =
VOUT
f • ΔIL(MAX)
• 1−
VOUT
VIN(MAX)
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟
(7)
Once the value for L is known, the type of inductor must
be selected. Actual core loss is independent of core size
for a fixed inductor value, but is very dependent on the
inductance selected. As the inductance increases, core
losses decrease. Unfortunately, increased inductance
requires more turns of wire and therefore copper losses
will increase.
Ferrite designs have very low core losses and are pre-
ferred at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard”, which means that
LTC7131-1 inductance collapses abruptly when the peak
design current is exceeded. This results in an abrupt
increase in inductor ripple current and consequent output
voltage ripple. Do not allow the core to saturate!
Different core materials and shapes will change the size/
current and price/current relationship of an inductor.
Toroid or shielded pot cores in ferrite or permalloy materi-
als are small and don’t radiate much energy, but generally
cost more than powdered iron core inductors with similar
characteristics. The choice of which style inductor to use
mainly depends on the price versus size requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com