Electronic Components Datasheet Search
  English  ▼

X  

LTC3622 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3622
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3622 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3622 Datasheet HTML 16Page - Analog Devices LTC3622 Datasheet HTML 17Page - Analog Devices LTC3622 Datasheet HTML 18Page - Analog Devices LTC3622 Datasheet HTML 19Page - Analog Devices LTC3622 Datasheet HTML 20Page - Analog Devices LTC3622 Datasheet HTML 21Page - Analog Devices LTC3622 Datasheet HTML 22Page - Analog Devices LTC3622 Datasheet HTML 23Page - Analog Devices LTC3622 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
LTC7131-1
20
Rev. 0
For more information www.analog.com
OPERATION
SLAVE ADDRESS
COMMAND CODE
DATA BYTE
Wr A
A
A P
7131-1 F05
S
7
8
8
1 1
1
1 1
1
SLAVE ADDRESS
COMMAND CODE
DATA BYTE LOW
Wr A
A
A P
7131-1 F06
S
7
8
8
1
DATA BYTE HIGH
8
1 1
1
1 1
1
A
Figure 5. Write Byte Protocol
Figure 6. Write Word Protocol
Figure 7. Send Byte Protocol
SLAVE ADDRESS Wr A
A P
7131-1 F07
S
7
8
1 1
1 1
1
COMMAND CODE
SLAVE ADDRESS
COMMAND CODE
SLAVE ADDRESS
Wr A
A
A P
7131-1 F08
S
7
8
7
1
DATA BYTE LOW
8
DATA BYTE HIGH
8
1
1 1
1
Sr
1
1
1
1
1
A
1
Rd
A
SLAVE ADDRESS
COMMAND CODE
SLAVE ADDRESS
Wr A
A Sr
P
7131-1 F09
S
7
8
8
1
1
DATA BYTE
8
1
1
1 1
1
1
1
1
A
Rd
A
Figure 8. Read Word Protocol
Figure 9. Read Byte Protocol
SLAVE ADDRESS
DATA BYTE
Wr A
A P
7131-1 F04
S
7
S
START CONDITION
Sr
REPEATED START CONDITION
Rd
READ (BIT VALUE OF 1)
Wr
WRITE (BIT VALUE OF 0)
x
SHOWN UNDER A FIELD INDICATES THAT THAT
FIELD IS REQUIRED TO HAVE THE VALUE OF x
A
ACKNOWLEDGE (THIS BIT POSITION MAY BE 0
FOR AN ACK OR 1 FOR A NACK)
P
STOP CONDITION
PEC PACKET ERROR CODE
MASTER TO SLAVE
SLAVE TO MASTER
CONTINUATION OF PROTOCOL
8
1 1
1
x
x
1
1
...
Figure 4. PMBus Packet Protocol Diagram Element Key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com