Electronic Components Datasheet Search
  English  ▼

X  

LTC3622 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3622
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3622 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3622 Datasheet HTML 5Page - Analog Devices LTC3622 Datasheet HTML 6Page - Analog Devices LTC3622 Datasheet HTML 7Page - Analog Devices LTC3622 Datasheet HTML 8Page - Analog Devices LTC3622 Datasheet HTML 9Page - Analog Devices LTC3622 Datasheet HTML 10Page - Analog Devices LTC3622 Datasheet HTML 11Page - Analog Devices LTC3622 Datasheet HTML 12Page - Analog Devices LTC3622 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
LTC7131-1
9
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current
vs Input Voltage
Shutdown Current
vs Temperature
Standby Current vs Input Voltage
Shutdown (RUN_MSTR)
Threshold vs Temperature
Oscillator Frequency
vs Input Voltage
Oscillator Frequency
vs Temperature
Undervoltage Lockout Threshold
(INTVCC) vs Temperature
INTVCC Line Regulation
Dynamic Supply Current
vs Input Voltage
INPUT VOLTAGE (V)
0
5
10
15
20
0
2
4
6
8
10
7131-1 G28
RUN_MSTR = GND
RUN_STBY = GND
TEMPERATURE (°C)
–50
0
50
100
150
0
100
200
300
400
500
600
7131-1 G29
RUN_STBY = GND
RUN_MSTR = GND
INPUT VOLTAGE (V)
0
5
10
15
20
0
200
400
600
800
1000
7131-1 G30
RUN_MSTR RISING
RUN_MSTR FALLING
TEMPERATURE (°C)
–50
0
50
100
150
0.5
0.6
0.7
0.8
0.9
1.0
7131-1 G31
INPUT VOLTAGE (V)
0
5
10
15
20
450
475
500
525
550
7131-1 G32
RT = 25.5 kΩ
TEMPERATURE (°C)
–50
0
50
100
150
450
475
500
525
550
7131-1 G33
INTVCC Rising
INTVCC Falling
TEMPERATURE (°C)
–50
0
50
100
150
3.00
3.25
3.50
3.75
4.00
4.25
4.50
7131-1 G34
f = 500kHz
f = 1MHz
INPUT VOLTAGE (V)
0
5
10
15
20
4.0
4.5
5.0
5.5
6.0
7131-1 G35
f = 250kHz
f = 500kHz
f = 1MHz
INPUT VOLTAGE (V)
5
10
15
20
0
40
80
120
160
200
7131-1 G36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com