Electronic Components Datasheet Search
  English  ▼

X  

LTC3622 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC3622
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3622 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC3622 Datasheet HTML 20Page - Analog Devices LTC3622 Datasheet HTML 21Page - Analog Devices LTC3622 Datasheet HTML 22Page - Analog Devices LTC3622 Datasheet HTML 23Page - Analog Devices LTC3622 Datasheet HTML 24Page - Analog Devices LTC3622 Datasheet HTML 25Page - Analog Devices LTC3622 Datasheet HTML 26Page - Analog Devices LTC3622 Datasheet HTML 27Page - Analog Devices LTC3622 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
LTC7131-1
24
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Since the ESR of a ceramic capacitor is so low, the input
and output capacitor must instead fulfill a charge stor-
age requirement. During a load step, the output capac-
itor must instantaneously supply the current to support
the load until the feedback loop raises the switch current
enough to support the load. The time required for the
feedback loop to respond is dependent on the compensa-
tion and the output capacitor size. Typically, 3 to 4 cycles
are required to respond to a load step, but only in the first
cycle does the output drop linearly. The output droop,
VDROOP, is usually about 2 to 3 times the linear drop of
the first cycle. Thus, a good place to start with the output
capacitor value is approximately given by Equation 10.
COUT ≈ 2.5
ΔIOUT
fO • VDROOP
(10)
More capacitance may be required depending on the duty
cycle and load step requirements.
In most applications, the input capacitor is merely required
to supply high frequency bypassing, since the impedance
to the supply is very low. A 22µF ceramic capacitor is
usually enough for these conditions. Place this input
capacitor as close to the VIN pins as possible.
Thermal Considerations
In some applications where the LTC7131-1 is operated
at high ambient temperature, high VIN, high switching
frequency and maximum output current load, the heat
dissipated may exceed the maximum junction tempera-
ture of the part.
To avoid the LTC7131-1 from exceeding the maximum
junction temperature, current rating shall be derated in
accordance to Ambient Temperature vs Maximum Load
Current in the Typical Performance Characteristics.
The junction to ambient thermal resistance will vary
depending on the size amount of heat sinking copper
on the PCB board where the part is mounted, as well
as the amount of air flow on the device. Figure 11 and
Figure 12 show temperature derating with both heat sink
and airflow. Use the READ_TEMPERATURE_1 command
to check the die temperature at worst-case operating con-
ditions as a final check.
Figure 11. Temperature Derating Curve Based on
the DC2824A Demo Board
NO HEAT SINK
VIN = 12V
VOUT = 1.8V
fSW = 500kHz
DC2824A DEMOBOARD
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
150
0
5
10
15
20
25
30
on the DC2824A Demo Board
7131-1 F11
Figure 12. Temperature Derating Curve Based on
the DC2824A Demo Board
WITH HEAT SINK
VIN = 12V
VOUT = 1.8V
fSW = 500kHz
DC2824A DEMOBOARD
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
150
0
5
10
15
20
25
30
on the DC2824A Demo Board
7131-1 F12
Table 4 and Table 5 provide heat sink and thermal con-
ductive adhesive tape information.
Table 4. Heat Sink Manufacturer (Thermally Conductive
Adhesive Tape Pre-Attached)
HEAT SINK
MANUFACTURER
PART NUMBER
WEBSITE
Cool Innovations
03-0202035U
www.coolinnovations.com
Table 5. Thermally Conductive Adhesive Tape Vendor
THERMALLY CONDUCTIVE
ADHESIVE TAPE
MANUFACTURER
PART NUMBER WEBSITE
Chomerics
T411
www.chomerics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com