Electronic Components Datasheet Search
  English  ▼

X  

LTC3622 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3622
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3622 Datasheet(HTML) 3 Page - Analog Devices

  LTC3622 Datasheet HTML 1Page - Analog Devices LTC3622 Datasheet HTML 2Page - Analog Devices LTC3622 Datasheet HTML 3Page - Analog Devices LTC3622 Datasheet HTML 4Page - Analog Devices LTC3622 Datasheet HTML 5Page - Analog Devices LTC3622 Datasheet HTML 6Page - Analog Devices LTC3622 Datasheet HTML 7Page - Analog Devices LTC3622 Datasheet HTML 8Page - Analog Devices LTC3622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
LTC7131-1
3
Rev. 0
For more information www.analog.com
The l denotes the specifications which apply over the specified operating
junction temperature range, VIN = 12V unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
VIN Supply Current
Normal Mode
Standby
Shutdown
VRUN_MSTR > 1V (Note 4)
VRUN_STBY = 0V, VRUN_MSTR > 1V
VRUN_MSTR = 0V
5
500
125
8
200
mA
µA
µA
VUVLO
INTVCC Undervoltage Reset
Hysteresis
INTVCC Rising
INTVCC Falling
l
3.6
3.9
0.32
4.25
V
V
IREF
Reference Current
LTC7131R-1 (Note 10)
l
99
100
101
µA
ΔIREF,LINE
Reference Current Line Regulation
VIN = 5V to 20V (Note 10)
l
0.02
%/V
ΔVOUT,OFFSET
Regulation Accuracy
ΔVOUT,OFFSET = (VSENSE+ – VSENSE–) – VREF
VREF = 1.5V (Notes 5, 10)
l
–0.5
0.5
%
ΔVOUT,MARGIN
Maximum Margining Range
Set Point Accuracy
Resolution
LSD Step Size
MFR_VOUT_COMMAND = –25% to
25%, VREF = 1.5V (Note 5)
l
–25
–0.5
9
0.1
25
0.5
%
%
Bits
%
NL_VOUT
DAC Nonlinearity
±1
LSB
AEA
Error Amplifier Open Loop Gain
ITH = 1V (Note 5)
80
dB
fBW
Error Amp Gain Bandwidth Product
(Note 6)
20
MHz
RIN
Differential Amplier Input Resistance
Measured at VSENSE+ Pin
160
kΩ
tSS
Internal Soft-Start Time/VREF
External CSS = Float
1
ms/V
ICSLEW
CSLEW Pull-Up Current
VCSLEW = 0V
10
µA
ILIM
SW Valley Current Limit
Sourcing (Note 8), ILIM = INTVCC
Sinking
l
25
–20
A
A
IRUN_MSTR
RUN_MSTR Pull-Up Current
VRUN_MSTR = 0V
1.5
µA
IRUN_STBY
RUN_STBY Pull-Up Current
VRUN_STBY = 0V
2.5
µA
VRUN_MSTR
Regulator On Threshold (Master Shutdown)
Regulator On Hysteresis
Regulator Power-Down Threshold
Rising Edge
Falling Edge
IQ < 200μA
0.8
0.9
0.1
0.6
1.0
V
V
V
VRUN_STBY
Regulator On Threshold (Standby Mode)
Hysteresis
Rising Edge
Falling Edge
0.7
1
0.05
1.2
V
V
IASEL
ASEL Programming Current
10
µA
IPGFD
PGFD Programming Current
10
µA
ISS
SS Current
VSS = 0V
4
5
6
µA
VIH,MARGIN
VIL,MARGIN
MARGIN High Voltage
MARGIN Low Voltage
1.3
0.4
V
V
IWP
WP Pin Pull-Up Current
WP = 0V
10
µA
SRMARGIN
Reference Slew Rate During Margin Change
CSLEW = 1nF
CSLEW = OPEN
CSLEW = INTVCC
0.1
23
10
%/ms
%/ms
%/µs
tINIT
Initialization Time
Delay from Power Applied Until
VOUT Ramp Up (Note 6)
1
ms
Oscillator and Power Switch
fOSC
Oscillator Frequency
RT = 25.5k
RT = INTVCC
l
450
435
500
480
550
525
kHz
kHz
VIH,SYNC
VIL,SYNC
SYNC Level High
SYNC Level Low
1.2
0.3
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com