Electronic Components Datasheet Search
  English  ▼

X  

S6002CS Datasheet(PDF) 3 Page - Littelfuse

Part # S6002CS
Description  EV Series 2 A Sensitive SCRs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6002CS Datasheet(HTML) 3 Page - Littelfuse

  S6002CS Datasheet HTML 1Page - Littelfuse S6002CS Datasheet HTML 2Page - Littelfuse S6002CS Datasheet HTML 3Page - Littelfuse S6002CS Datasheet HTML 4Page - Littelfuse S6002CS Datasheet HTML 5Page - Littelfuse S6002CS Datasheet HTML 6Page - Littelfuse S6002CS Datasheet HTML 7Page - Littelfuse S6002CS Datasheet HTML 8Page - Littelfuse S6002CS Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
S6002xS
Thyristor Datasheet
3
Specifications are subject to change without notice.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.
© 2021 Littelfuse, Inc.
Revised: 5/6/2021
1. Maximum Ratings
Symbol
Characteristic
Conditions
Value
Unit
IT(RMS)
RMS On-state Current
(Full Sine Wave)
TO-92
TC = 65 °C
2
A
SOT-223 & Compak
TC = 95 °C
IT(AV)
Average On-state Current
TO-92
TC = 65 °C
1.2
A
SOT-223 & Compak
TC = 95 °C
ITSM
Non-repetitive Surge Peak On-state Current
(Full Cycle, TJ Initial = 25 °C)
TO-92
SOT-223
Compak
f = 50 Hz
22.5
A
f = 60 Hz
25.0
I2t
I2t Value for Fusing
f = 50 Hz, tp = 10 ms
2.5
A2s
di/dt
Critical Rate of Rise of On-state Current
IG = 10 mA
TO-92
SOT-223
Compak
TJ =25 °C
500
A/µs
IGM
Peak Gate Current
tp = 20 µs, TJ =125 °C
1.0
A
PG(AV)
Average Gate Power Dissipation
TJ =125 °C
0.2
W
TSTG
Storage Junction Temperature
-40 to 150
°C
TJ
Operating Junction Temperature
-40 to 125
°C
2. Thermal Characteristics
Symbol
Characteristic
Value
Unit
Rth(JC)
Thermal Resistance, junction-to-case (AC)
IT = 1.5 A (RMS)1
TO-92
30
°C/W
SOT-223 & Compak
15
Rth(JA)
Thermal Resistance, junction-to-ambient (AC)
IT = 1.5 A (RMS)1
TO-92
160
°C/W
SOT-223 & Compak
60
3. Electrical Characteristics (T
J
= 25 °C unless otherwise specified)
Symbol
Description
Conditions
Value
Unit
Min
Max
IGT
DC Gate Trigger Current
VD = 6 V, RL
20
200
µA
VGT
DC Gate Trigger Voltage
VD = 6 V, RL
-
0.8
V
VGRM
Peak Reverse Gate Voltage
IRG = 10 µA
5
-
V
IH
Holding Current
RGK
-
5
mA
VGD
Gate Non-trigger Voltage
VD = VDRM, RGK = 1
, TJ = 125 °C
0.2
-
V
dv/dt
Critical Rate-of-rise of Off-stage Voltage
TJ = 125 °C, VD = 67% VDRM, Exponential Waveform,
RGK
25
-
V/µs
tq
Turn-off Time
IT = 0.5 A
-
55
µs
tgt
Turn-on Time
IG = 10 mA, PW = 15
ec, IT = 3.0 A(PK)
-
-
µs
4. Static Characteristics (T
J
= 25 °C unless otherwise specified)
Symbol
Description
Conditions
Value
Unit
Min
Max
VTM
Peak On-state Voltage
ITM = 3 A(PK), tP = 380 µs
-
1.5
V
IDRM/IRRM
Off-state Current, Peak Repetitive
TJ = 25 °C @ VD= VDRM,
RGK
-
5
µA
TJ = 125 °C @ VD= VDRM,
RGK
-
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com