Electronic Components Datasheet Search
  English  ▼

X  

S6002CS Datasheet(PDF) 6 Page - Littelfuse

Part # S6002CS
Description  EV Series 2 A Sensitive SCRs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6002CS Datasheet(HTML) 6 Page - Littelfuse

Back Button S6002CS Datasheet HTML 2Page - Littelfuse S6002CS Datasheet HTML 3Page - Littelfuse S6002CS Datasheet HTML 4Page - Littelfuse S6002CS Datasheet HTML 5Page - Littelfuse S6002CS Datasheet HTML 6Page - Littelfuse S6002CS Datasheet HTML 7Page - Littelfuse S6002CS Datasheet HTML 8Page - Littelfuse S6002CS Datasheet HTML 9Page - Littelfuse S6002CS Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
S6002xS
Thyristor Datasheet
6
Specifications are subject to change without notice.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.
© 2021 Littelfuse, Inc.
Revised: 5/6/2021
6. Soldering Parameters
Parameter
Value
Reflow Condition
Pb-free Assembly
Pre-Heat
Temperature Min, TS(Min)
150 °C
Temperature Max, TS(Max)
200 °C
Time (Min to Max), ts
60 to 180 s
Average Ramp-up Rate Liquidus Temp., TL to peak
5 °C/s (Max)
TS(Max) to TL Ramp-up Rate
5 °C/s (Max)
Reflow
Temperature, TL Liquidus
217 °C
Time, tL
60 to 150 s
Peak Temperature, TP
260 °C (±5 °C)
Time within 5 °C of Actual Peak Temperature, tP
20 to 40 s
Ramp-down Rate
5 °C/s (Max)
Time 25 °C to Peak Temperature, TP
8 minutes (Max)
Do Not Exceed
280 °C
7. Physical Specifications
Device Feature
Detail
Terminal Finish
100% Matte Tin-plated
Body Material
UL Recognized Epoxy meeting Flammability
Rating 94 V-0
Terminal Material
Copper Alloy
8. Environmental Specifications
Test
Specifications and Conditions
AC Blocking
MIL-STD-750, M-1040, Cond A Applied Peak
AC voltage @ 110°C for 1008 hours
Temperature Cycling
MIL-STD-750, M-1051, 100 cycles; -40°C to
+150°C; 15 min dwell time
Temperature/Humidity
EIA / JEDEC, JESD22-A101 1008 hours;
320V - DC: 85°C; 85% relative humidity
High-temp Storage
MIL-STD-750, M-1031, 1008 hours; 150°C
Low-temp Storage
1008 hours; -40°C
Resistance to Solder
Heat
MIL-STD-750 Method 2031
Solderability
ANSI/J-STD-002, category 3, Test A
Lead Bend
MIL-STD-750, M-2036 Cond E
9. Design Considerations
Careful selection of the correct component for the
will go a long way toward extending the operating life
of the Thyristor. Good design practice should limit the
maximum continuous current through the main
terminals to 75% of the component rating. Other
ways to ensure long life for a power discrete
semiconductor are proper heat sinking and selection
of voltage ratings for worst case conditions.
Overheating, overvoltage (including dv/dt), and surge
currents are the main killers of semiconductors.
Correct mounting, soldering, and forming of the leads
also help protect against component damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com