Electronic Components Datasheet Search
  English  ▼

X  

S6002CS Datasheet(PDF) 1 Page - Littelfuse

Part # S6002CS
Description  EV Series 2 A Sensitive SCRs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6002CS Datasheet(HTML) 1 Page - Littelfuse

  S6002CS Datasheet HTML 1Page - Littelfuse S6002CS Datasheet HTML 2Page - Littelfuse S6002CS Datasheet HTML 3Page - Littelfuse S6002CS Datasheet HTML 4Page - Littelfuse S6002CS Datasheet HTML 5Page - Littelfuse S6002CS Datasheet HTML 6Page - Littelfuse S6002CS Datasheet HTML 7Page - Littelfuse S6002CS Datasheet HTML 8Page - Littelfuse S6002CS Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
S6002xS
Thyristor Datasheet
1
Specifications are subject to change without notice.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.
© 2021 Littelfuse, Inc.
Revised: 5/6/2021
S6002xS Series
EV Series 2 A Sensitive SCRs
Agency Approvals and Environmental
Environmental Approvals
Schematic Symbol
Product Summary
Characteristic
Value
Unit
IT(RMS)
2
A
VDRM / VRRM
600
V
IGT
200
µA
Product Description
The S6002xS offers high very high di/dt
capability through small die planar construction
design. It is glass-passivated to ensure long
term reliability and parametric stability.
Features
• Surge capability > 25 A
• Blocking voltage (V
DRM
/VRRM) capability
up to
600 V
• High di/dt capability of 500 A/µs
• Improved turn-off time (t
q
) < 55 µsec
• Sensitive gate for direct microprocessor
interface
• Thru hole and surface mount packages
• RoHS compliant and Halogen-free
Applications
• The S6002xS is specifically designed for
capacitor discharge application such as high-
power gas flame ignition.


Similar Part No. - S6002CS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6002CASRP LITTELFUSE-S6002CASRP Datasheet
531Kb / 7P
2 A Sensitive SCRs
12/11/2025
More results

Similar Description - S6002CS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
0.8 A sensitive gate SCRs
01-Apr-2008
logo
Unisonic Technologies
X0202 UTC-X0202_10 Datasheet
332Kb / 5P
SENSITIVE SCRS
logo
STMicroelectronics
TS420-600T STMICROELECTRONICS-TS420-600T Datasheet
110Kb / 11P
Sensitive gate 4 A SCRs
26-Jan-2010
logo
Littelfuse
T106D4 LITTELFUSE-T106D4 Datasheet
205Kb / 12P
Sensitive SCRs
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S8X8TSRP LITTELFUSE-S8X8TSRP Datasheet
1Mb / 9P
Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
SXX8BBS LITTELFUSE-SXX8BBS Datasheet
537Kb / 6P
Thyristors EV Series 0.8 Amp Sensitive SCRs
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
S802ECS LITTELFUSE-S802ECS Datasheet
1Mb / 6P
EV Series 1.5 Amp Sensitive SCRs
Revised: 09/04/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com