Electronic Components Datasheet Search
  English  ▼

X  

S6002CS Datasheet(PDF) 4 Page - Littelfuse

Part # S6002CS
Description  EV Series 2 A Sensitive SCRs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6002CS Datasheet(HTML) 4 Page - Littelfuse

  S6002CS Datasheet HTML 1Page - Littelfuse S6002CS Datasheet HTML 2Page - Littelfuse S6002CS Datasheet HTML 3Page - Littelfuse S6002CS Datasheet HTML 4Page - Littelfuse S6002CS Datasheet HTML 5Page - Littelfuse S6002CS Datasheet HTML 6Page - Littelfuse S6002CS Datasheet HTML 7Page - Littelfuse S6002CS Datasheet HTML 8Page - Littelfuse S6002CS Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
S6002xS
Thyristor Datasheet
4
Specifications are subject to change without notice.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.
© 2021 Littelfuse, Inc.
Revised: 5/6/2021
5. Performance Curves
Figure 1. Normalized DC Gate Trigger Current vs. Junction
Temperature
Figure 2. Normalized DC Gate Trigger Voltage vs. Junction
Temperature
Figure 3. Normalized DC Holding Current vs. Junction
Temperature
Figure 4. Typical On-state Current vs. On-state Voltage
0
0.5
1
1.5
2
2.5
3
-40
-25
-10
5
20
35
50
65
80
95
110 125
Junction Temperature, TJ (°C)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-40
-25
-10
5
20
35
50
65
80
95
110 125
Junction Temperature, TJ (°C)
0
0.5
1
1.5
2
2.5
3
-40
-25
-10
5
20
35
50
65
80
95
110 125
Junction Temperature, TJ (°C)
0
0.2
0.4
0.6
0.8
1
1.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
On-state Voltage, VT (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com