Electronic Components Datasheet Search
  English  ▼

X  

S6002CS Datasheet(PDF) 9 Page - Littelfuse

Part # S6002CS
Description  EV Series 2 A Sensitive SCRs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6002CS Datasheet(HTML) 9 Page - Littelfuse

Back Button S6002CS Datasheet HTML 3Page - Littelfuse S6002CS Datasheet HTML 4Page - Littelfuse S6002CS Datasheet HTML 5Page - Littelfuse S6002CS Datasheet HTML 6Page - Littelfuse S6002CS Datasheet HTML 7Page - Littelfuse S6002CS Datasheet HTML 8Page - Littelfuse S6002CS Datasheet HTML 9Page - Littelfuse S6002CS Datasheet HTML 10Page - Littelfuse S6002CS Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
S6002xS
Thyristor Datasheet
9
Specifications are subject to change without notice.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.
© 2021 Littelfuse, Inc.
Revised: 5/6/2021
12. Product Selector
Part Number
Voltage
Gate Sensitivity
Package
600 V
S6002ES
X
200 µA
TO-92
S6002TS
X
200 µA
SOT-223
S6002CS
X
200 µA
Compak
13. Packing Options
Part Number
Marking
Weight
Packing Mode
M.O.Q
S6002ES
S6002ES
0.217 g
Bulk
2500
S6002ESAP
S6002ES
0.217 g
Ammo Pack
2000
S6002ESRP
S6002ES
0.217 g
Tape & Reel
2000
S6002TSRP
S6002TS
0.120 g
Tape & Reel
1000
S6002CSRP
S6002
0.120 g
Tape & Reel
2500
14. Packing Specifications
TO-92 (3-Lead) Reel Pack (RP) Radial Leaded Specifications
Meets all EIA-468-C Standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com