Electronic Components Datasheet Search
  English  ▼

X  

S6002CS Datasheet(PDF) 8 Page - Littelfuse

Part # S6002CS
Description  EV Series 2 A Sensitive SCRs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6002CS Datasheet(HTML) 8 Page - Littelfuse

Back Button S6002CS Datasheet HTML 3Page - Littelfuse S6002CS Datasheet HTML 4Page - Littelfuse S6002CS Datasheet HTML 5Page - Littelfuse S6002CS Datasheet HTML 6Page - Littelfuse S6002CS Datasheet HTML 7Page - Littelfuse S6002CS Datasheet HTML 8Page - Littelfuse S6002CS Datasheet HTML 9Page - Littelfuse S6002CS Datasheet HTML 10Page - Littelfuse S6002CS Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
S6002xS
Thyristor Datasheet
8
Specifications are subject to change without notice.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.
© 2021 Littelfuse, Inc.
Revised: 5/6/2021
Compak (C- Package)
Dimension
Millimeters
Inches
Min
Max
Min
Max
A
3.30
3.95
0.130
0.156
B
5.10
5.60
0.201
0.220
C
1.95
2.20
0.077
0.087
D
4.05
4.60
0.159
0.181
E
0.75
1.60
0.030
0.063
F
1.90
2.45
0.075
0.096
G
0.05
0.20
0.002
0.008
H
1.95
2.65
0.077
0.104
J
1.09
1.35
0.043
0.053
K
0.15
0.41
0.006
0.016
L
0.76
1.40
0.030
0.055
M
0.56
0.71
0.022
0.028
N
0.69
0.84
0.027
0.033
P
1.32
1.47
0.052
0.058
11. Part Numbering and Marking
Compak (C Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com