Electronic Components Datasheet Search
  English  ▼

X  

SPC58EHX Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPC58EHX
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EHX Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPC58EHX Datasheet HTML 66Page - STMicroelectronics SPC58EHX Datasheet HTML 67Page - STMicroelectronics SPC58EHX Datasheet HTML 68Page - STMicroelectronics SPC58EHX Datasheet HTML 69Page - STMicroelectronics SPC58EHX Datasheet HTML 70Page - STMicroelectronics SPC58EHX Datasheet HTML 71Page - STMicroelectronics SPC58EHX Datasheet HTML 72Page - STMicroelectronics SPC58EHX Datasheet HTML 73Page - STMicroelectronics SPC58EHX Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 147 page
background image
Electrical characteristics
SPC58EHx, SPC58NHx
70/147
DS12304 Rev 5
4.14.2
Voltage regulators
Table 32. Linear regulator specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VMREG
CC P
Main regulator output voltage
Power-up, before
trimming, no load
1.12
1.20
1.28
V
CC P
After trimming,
maximum load
1.08
1.18
1.23
IDDMREG
CC T
Main regulator current provided to
VDD_LV domain
The maximum current required by
the device (IDD_LV) may exceed
the maximum current which can
be provided by the internal linear
regulator. In this case, the internal
regulator mode cannot be used.
——
—
700
mA
IDDCLAMP CC D
Main regulator rush current
sinked from VDD_HV_IO_MAIN
domain during VDD_LV domain
loading
Power-up condition
—
—
400
mA
ΔIDDMREG CC T
Main regulator output current
variation
20 µs observation
window
-200
—
200
mA
IMREGINT
CC
D Main regulator current
consumption
IMREG = max
—
—
22
mA
DIMREG = 0 mA
—
—
Table 33. Auxiliary regulator specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VAUX
CC P
Aux regulator output voltage
After trimming, internal
regulator mode
1.08
1.18
1.21
V
CC P
After trimming, external
regulator mode
1.03
1.12
1.16
IDDAUX
CC T
Aux regulator current provided to
VDD_LV domain
——
—
250
mA
ΔIDDAUX
CC T Aux regulator current variation
20 µs observation
window
100
—
100
mA
IAUXINT
CC
D Aux regulator current
consumption
IMREG = max
—
—
1.1
mA
DIMREG = 0 mA
—
—
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com