Electronic Components Datasheet Search
  English  ▼

X  

SPC58EHX Datasheet(PDF) 97 Page - STMicroelectronics

Part # SPC58EHX
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EHX Datasheet(HTML) 97 Page - STMicroelectronics

Back Button SPC58EHX Datasheet HTML 93Page - STMicroelectronics SPC58EHX Datasheet HTML 94Page - STMicroelectronics SPC58EHX Datasheet HTML 95Page - STMicroelectronics SPC58EHX Datasheet HTML 96Page - STMicroelectronics SPC58EHX Datasheet HTML 97Page - STMicroelectronics SPC58EHX Datasheet HTML 98Page - STMicroelectronics SPC58EHX Datasheet HTML 99Page - STMicroelectronics SPC58EHX Datasheet HTML 100Page - STMicroelectronics SPC58EHX Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 147 page
background image
DS12304 Rev 5
97/147
SPC58EHx, SPC58NHx
Electrical characteristics
109
Figure 31. MII transmit signal timing diagram
4.16.3.3
MII async inputs signal timing (CRS and COL)
Figure 32. MII async inputs timing diagram
Table 48. MII transmit signal timing
Symbol
C
Characteristic
Value(1)
Unit
Min
Max
M5
CC D TX_CLK to TXD[3:0], TX_EN, TX_ER invalid
5
—
ns
M6
CC D TX_CLK to TXD[3:0], TX_EN, TX_ER valid
—
25
ns
M7
CC D TX_CLK pulse width high
35%
65%
TX_CLK period
M8
CC D TX_CLK pulse width low
35%
65%
TX_CLK period
1. Output parameters are valid for CL = 25 pF, where CL is the external load to the device. The internal package capacitance
is accounted for, and does not need to be subtracted from the 25pF value
M6
TX_CLK (input)
TXD[3:0] (outputs)
TX_EN
TX_ER
M5
M7
M8
Table 49. MII async inputs signal timing
Symbol
C
Characteristic
Value
Unit
Min
Max
M9
CC D CRS, COL minimum pulse width
1.5
—
TX_CLK period
CRS, COL
M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com