Electronic Components Datasheet Search
  English  ▼

X  

SPC58EHX Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPC58EHX
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EHX Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPC58EHX Datasheet HTML 12Page - STMicroelectronics SPC58EHX Datasheet HTML 13Page - STMicroelectronics SPC58EHX Datasheet HTML 14Page - STMicroelectronics SPC58EHX Datasheet HTML 15Page - STMicroelectronics SPC58EHX Datasheet HTML 16Page - STMicroelectronics SPC58EHX Datasheet HTML 17Page - STMicroelectronics SPC58EHX Datasheet HTML 18Page - STMicroelectronics SPC58EHX Datasheet HTML 19Page - STMicroelectronics SPC58EHX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 147 page
background image
Description
SPC58EHx, SPC58NHx
16/147
DS12304 Rev 5
– Single-ended clock up to 100 MHz
The current version supports up to two devices at any one time, which means it has to
Chip selects sharing one 8 bits data bus.
•
Low Power Supply options:
–
External Regulators (1.2 V core, 3.3 V–5 V IO)
–
Single internal Linear Regulator with external ballast
•
Nexus development interface (NDI) per IEEE-ISTO 5001-2003 standard, with some
support for 2010 standard.
•
Device and board test support per Joint Test Action Group (JTAG) (IEEE 1149.1)
•
Standby power domain with smart wake-up sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com