Electronic Components Datasheet Search
  English  ▼

X  

SPC58EHX Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPC58EHX
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EHX Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPC58EHX Datasheet HTML 8Page - STMicroelectronics SPC58EHX Datasheet HTML 9Page - STMicroelectronics SPC58EHX Datasheet HTML 10Page - STMicroelectronics SPC58EHX Datasheet HTML 11Page - STMicroelectronics SPC58EHX Datasheet HTML 12Page - STMicroelectronics SPC58EHX Datasheet HTML 13Page - STMicroelectronics SPC58EHX Datasheet HTML 14Page - STMicroelectronics SPC58EHX Datasheet HTML 15Page - STMicroelectronics SPC58EHX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 147 page
background image
Description
SPC58EHx, SPC58NHx
12/147
DS12304 Rev 5
2.3
Features
On-chip modules within SPC58EHx, SPC58NHx include the following features:
•
Three main CPUs, dual issue, 32-bit CPU core complexes (e200z4), one of them
having a checker core in lock-step
–
Power Architecture embedded specification compliance
–
Instruction set enhancement allowing variable length encoding (VLE), encoding a
mix of 16-bit and 32-bit instructions, for code size footprint reduction
–
Single-precision floating point operations
–
Lightweight signal processing auxiliary processing unit (LSP APU) instruction
support for digital signal processing (DSP) on Core_0, Core_1, Core_2
–
32 KB local instruction RAM and 64 KB local data RAM for Core_0, Core_1 and
Core_2
–
16 KB I-Cache and 8 KB D-Cache for Core_0, Core_1 and Core_2
–
10 MB on-chip Flash
–
Supports read during program and erase operations, and multiple blocks allowing
EEPROM emulation
–
Supports read while read between the two code Flash partitions.
•
1088 KB on-chip general-purpose SRAM (+ 192 KB data RAM and 96 KB instruction
RAM included in the CPUs)
•
224 KB HSM dedicated flash memory (192 KB code + 32 KB data)
•
Multi channel direct memory access controllers (eDMA)
–
One eDMA with 64 channels
–
One eDMA with 16 channels
•
One interrupt controller (INTC) in lock-step
•
Dual phase-locked loops with stable clock domain for peripherals and FM modulation
domain for processing and streaming shell
•
Dual crossbar switch architecture for concurrent access to peripherals, Flash, or RAM
from multiple bus masters with end-to-end ECC
•
Hardware security module (HSM) compliant with EVITA full
•
System integration unit lite (SIUL)
•
Boot assist Flash (BAF) supports factory programming using a serial bootload through
the asynchronous CAN or LIN/UART.
•
Enhanced analog-to-digital converter system with
–
One supervisor 12-bit SAR analog converter
–
Four separate fast 12-bit SAR analog converters
–
One separate 10-bit SAR analog converter for standby mode
•
Eleven deserial serial peripheral interface (DSPI) modules, one working even in low
power mode
•
Twenty four LIN and UART communication interface (LINFlexD) modules
–
LINFlexD_0 is a Master/Slave
–
All others are Masters
•
Sixteen modular controller area network (MCAN) modules all supporting flexible data
rate (CAN-FD)
•
Dual-channel FlexRay controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com