Electronic Components Datasheet Search
  English  ▼

X  

SPC58EHX Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPC58EHX
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EHX Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPC58EHX Datasheet HTML 25Page - STMicroelectronics SPC58EHX Datasheet HTML 26Page - STMicroelectronics SPC58EHX Datasheet HTML 27Page - STMicroelectronics SPC58EHX Datasheet HTML 28Page - STMicroelectronics SPC58EHX Datasheet HTML 29Page - STMicroelectronics SPC58EHX Datasheet HTML 30Page - STMicroelectronics SPC58EHX Datasheet HTML 31Page - STMicroelectronics SPC58EHX Datasheet HTML 32Page - STMicroelectronics SPC58EHX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 147 page
background image
DS12304 Rev 5
29/147
SPC58EHx, SPC58NHx
Electrical characteristics
30
IDDSTBY8(12)
CC
D
Total standby mode
current on VDD_LV and
VDD_HV supply, 8 KB
RAM(13)
TJ = 25 °C
—
130
380
µA
CTJ = 40 °C
—
—
550
DTJ = 55 °C
—
—
820
DTJ = 120 °C
—
1.37
4
mA
PTJ = 150 °C
—
2.9
8
IDDSTBY128(12)
CC
D
Total standby mode
current on VDD_LV and
VDD_HV supply,
128 KB RAM(13)
TJ = 25 °C
—
150
530
µA
CTJ = 40 °C
—
—
790
µA
DTJ =55 °C
—
—
1.2
mA
DTJ = 120 °C
—
—
5.5
mA
PTJ = 150 °C
—
—
11
IDDSTBY256(12)
CC
D
Total standby mode
current on VDD_LV and
VDD_HV supply,
256 KB RAM(13)
TJ = 25 °C
—
190
680
µA
CTJ =40 °C
—
—
1
mA
DTJ =55 °C
—
—
1.5
mA
DTJ = 120 °C
—
2.3
7
PTJ = 150 °C
—
5
14
IDDSSWU1
CC
D
SSWU running over all
STANDBY period with
OPC/TU commands
execution and keeping
ADC off(14)
TJ =40 °C
—
1
3.5
mA
IDDSSWU2
CC
D
SSWU running over all
STANDBY period with
OPC/TU/ADC
commands execution
and keeping ADC
on(15)
TJ =40 °C
—
3.5
5
mA
1. The ranges in this table are design targets and actual data may vary in the given range.
2. The leakage considered is the sum of core logic and RAM memories. The contribution of analog modules is not considered,
and they are computed in the dynamic IDD_LV and IDD_HV parameters.
3. IDD_LKG (leakage current) and IDD_LV (dynamic current) are reported as separate parameters, to give an indication of the
consumption contributors. The tests used in validation, characterization and production are verifying that the total
consumption (leakage + dynamic) is lower or equal to the sum of the maximum values provided (IDD_LKG +IDD_LV). The
two parameters, measured separately, may exceed the maximum reported for each, depending on the operative conditions
and the software profile used.
4. Use case: 3 x e200Z4 @200 MHz with all locksteps on, HSM @100 MHz, all IPs clock enabled, Flash access with prefetch
disabled, Flash consumption includes parallel read and program/erase, all SARADC in continuous conversion, DMA
continuously triggered by ADC conversion, 4 DSPI / 8 CAN / 8 LINFlex / FlexRay / ENET0 / ENET1 / eMMC and OctoSPI
transmitting, RTC and STM running, 2 x EMIOS running (8 channels in OPWMT mode), FIRC, SIRC, FXOSC, PLL0-1
running. The switching activity estimated for dynamic consumption does not include I/O toggling, which is highly dependent
on the application. Details of the software configuration are available separately. The total device consumption is IDD_LV +
IDD_HV + IDD_LKG for the selected temperature.
5. GW use case: three cores running @200 MHz, no lockstep, HSM @100 MHz, INTC enabled, 1 EDMA triggered by ADC,
PLL0 @200 MHz PLL1 @200 MHz, XOSC = 8/40 MHz, FLASH read only 25%, 12 x CAN running @40 MHz data
4 Mbps/1 Mbps/500 Kbps, 2 x SARADC running @15 MHz with 16 conversion channels, ETH 1 Gbps, OctoSPI @200 Mhz
data 100 MB/sec, all other peripherals frozen.
Table 8. Device consumption (continued)
Symbol
C
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com