Electronic Components Datasheet Search
  English  ▼

X  

SPC58EHX Datasheet(PDF) 28 Page - STMicroelectronics

Part # SPC58EHX
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EHX Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SPC58EHX Datasheet HTML 24Page - STMicroelectronics SPC58EHX Datasheet HTML 25Page - STMicroelectronics SPC58EHX Datasheet HTML 26Page - STMicroelectronics SPC58EHX Datasheet HTML 27Page - STMicroelectronics SPC58EHX Datasheet HTML 28Page - STMicroelectronics SPC58EHX Datasheet HTML 29Page - STMicroelectronics SPC58EHX Datasheet HTML 30Page - STMicroelectronics SPC58EHX Datasheet HTML 31Page - STMicroelectronics SPC58EHX Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 147 page
background image
Electrical characteristics
SPC58EHx, SPC58NHx
28/147
DS12304 Rev 5
4.7
Device consumption
Table 8. Device consumption
Symbol
C
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max
IDD_LKG(2),(3)
CC
C
Leakage current on the
VDD_LV supply
TJ =40 °C
—
—
24
mA
DTJ =25 °C
—
—
16
DTJ =55 °C
—
—
36
DTJ =95 °C
—
—
110
DTJ = 120 °C
—
—
220
PTJ = 150 °C
—
—
500
IDD_LV(3)
CC
P
Dynamic current on
the VDD_LV supply,
very high consumption
profile(4)
—
—
—
550
mA
IDD_HV
CC
P
Total current on the
VDD_HV supply(4)
fMAX
—
—
100
mA
IDD_LV_GW
CC
T
Dynamic current on
the VDD_LV supply,
gateway profile(5)
—
—
—
350
mA
IDD_HV_GW
CC
T
Dynamic current on
the VDD_HV supply,
gateway profile(5),(6)
——
—
35
mA
IDD_LV_BCM
CC
T
Dynamic current on
the VDD_LV supply,
body profile(7)
—
—
—
285
mA
IDD_HV_BCM
CC
T
Dynamic current on
the VDD_HV supply,
body profile(7),(6)
——
—
40
mA
IDD_MAIN_CORE_AC
CC
T
Main Core dynamic
current(8)
fMAX
——
55
mA
IDD_CHKR_CORE_AC
CC
T
Checker Core dynamic
operating current
fMAX
——
35
mA
IDD_HSM_AC
CC
T
HSM platform dynamic
operating current(9)
fMAX/2
—
—
30
mA
IDDHALT(10)
CC
T
Dynamic current on
the VDD_LV supply
+Total current on the
VDD_HV supply
—
—
106
150
mA
IDDSTOP(11)
CC
T
Dynamic current on
the VDD_LV supply
+Total current on the
VDD_HV supply
——
14.5
60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com