Electronic Components Datasheet Search
  English  ▼

X  

SPC58EHX Datasheet(PDF) 103 Page - STMicroelectronics

Part # SPC58EHX
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EHX Datasheet(HTML) 103 Page - STMicroelectronics

Back Button SPC58EHX Datasheet HTML 99Page - STMicroelectronics SPC58EHX Datasheet HTML 100Page - STMicroelectronics SPC58EHX Datasheet HTML 101Page - STMicroelectronics SPC58EHX Datasheet HTML 102Page - STMicroelectronics SPC58EHX Datasheet HTML 103Page - STMicroelectronics SPC58EHX Datasheet HTML 104Page - STMicroelectronics SPC58EHX Datasheet HTML 105Page - STMicroelectronics SPC58EHX Datasheet HTML 106Page - STMicroelectronics SPC58EHX Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 147 page
background image
DS12304 Rev 5
103/147
SPC58EHx, SPC58NHx
Electrical characteristics
109
Figure 38. TxEN signal propagation delays
4.16.4.2
TxD
Figure 39. TxD signal
Note:
In the following table, specifications valid according to FlexRay EPL 3.0.1 standard with
20%–80% levels and a 10 pF load at the end of a 50 Ohm, 1 ns stripline. Please refer to the
Very Strong I/O pad specifications.
dCCTxEN10
dCCTxEN01
TxEN
PE_Clk
dCCTxD50%
TxD
dCCTxDFALL
dCCTxDRISE
20%
50%
80%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com