Electronic Components Datasheet Search
  English  ▼

X  

LTC6563 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6563
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6563 Datasheet(HTML) 1 Page - Analog Devices

  LTC6563 Datasheet HTML 1Page - Analog Devices LTC6563 Datasheet HTML 2Page - Analog Devices LTC6563 Datasheet HTML 3Page - Analog Devices LTC6563 Datasheet HTML 4Page - Analog Devices LTC6563 Datasheet HTML 5Page - Analog Devices LTC6563 Datasheet HTML 6Page - Analog Devices LTC6563 Datasheet HTML 7Page - Analog Devices LTC6563 Datasheet HTML 8Page - Analog Devices LTC6563 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LTC6563
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Four-Channel
Transimpedance Amplifier
with Output Multiplexing
The LTC®6563 is a low-noise four-channel transimpedance
amplifier (TIA) with 600MHz bandwidth. The LTC6563
TIA’s low noise, wide linear range, and low power dissipa-
tion are ideal for LIDAR receivers using Avalanche photo-
diodes (APDs) and photodiodes (PDs). The amplifier fea-
tures selectable 22.2/16.7/11.1/5.55kΩ Transimpedance
gain (RT) and 90µA linear input current range. Using an
APD with a total input capacitance of 0.5pF, the input cur-
rent noise density is 1.8pA/√Hz at 100MHz and 3.7pA/√Hz
at 600MHz. The LTC6563 consumes between 194mW and
325mW on a 3.3V supply depending on output mode.
An internal 4-to-1 MUX simplifies the system design. In
addition, external multiplexing capability allows channel
expansion up to 64 channels, saving space and power.
Fast overload recovery and fast channel switchover make
the LTC6563 well suited for LIDAR receivers with multiple
APDs. The built-in high-speed differential ADC driver can
swing as much as 2VP-P while driving into 100Ω external
differential load.
The LTC6563 is packaged in a 3mm × 5mm 24-pin
exposed pad QFN package with wettable flanks.
Typical Application with DC-Coupled Inputs Driving an ADC
Pulse Response
APPLICATIONS
n
600MHz –3dB Bandwidth with 0.5pF Input Capacitance
n
Differential Output with Up to 2VP-P Swing into 100Ω
Differential Load
n
Built-In High-Speed ADC Driver with Output MUX
n
Selectable 22.2/16.7/11.1/5.55kΩ Transimpedance Gain
n
1.8pA/3.7pA√Hz Input Current Noise Density
100MHz/600MHz (0.5pF)
n
65nARMS Integrated Input-Referred Current Noise
Over 600MHz (0.5pF)
n
Large Linear Input Current Range 0µA to 90µA
n
Large Transient Overload Current >1A Peak
n
Fast Overload Recovery: 2.5ns
n
Fast Channel Switching: 10ns
n
Power Dissipation: 194mW to 325mW on 3.3V,
Varies with Output Mode (13mW in Shutdown)
n
Output MUX allows multiple LTC6563s to Create 8,
12, 16 … 32 Channel Solutions
n
3mm × 5mm, 24-Lead QFN Package, Wettable Flanks
n
AECQ-100 Grade 1 Qualified (Pending)
n
Automotive LIDAR Receiver
n
Industrial LIDAR Receiver
All registered trademarks and trademarks are the property of their respective owners.
100
100
AD9094
VCM
3.3V
3.3V
MULTIPLE LTC6563's
0.1µF
V–
OUT(2)
TERM(2)
OUT(2)
TERM(2)
APD
ARRAY
OMUX(2)
3.3V
IN1
IN2
IN3
IN4
TIA
TIA
TIA
TIA
4:1
MUX
OFFSET
OMUX
OUT
OUT
TERM
TERM
CM
CHSEL0
PWRMD LTC6563
OUTPUT
STAGE
TILT
CHSEL1
ADJ0
ADJ1
×2
×1
OUTPUT
CLAMPS
LO
HI
BIAS
CTRL
CM
CTRL
50
50
GND
VCCI VCCO
6563 TA01a
0.1µF
+
–
1ns/DIV
INPUT
20µA/DIV
OUTDIFF
250mV/DIV
6563 TA01b


Similar Part No. - LTC6563

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6561 AD-LTC6561 Datasheet
858Kb / 18P
Four-Channel Multiplexed Transimpedance Amplifier
LTC6561 AD-LTC6561 Datasheet
990Kb / 6P
16 CH: 1 Output Optical Evaluation for LTC6561 Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0 05/19
More results

Similar Description - LTC6563

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV.A
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
865MHz Multiplexing Amplifier
September 21, 2005
logo
Analog Devices
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
622Mbps Transimpedance Amplifier with AGC
logo
Analog Devices
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
LTC6561 AD-LTC6561 Datasheet
858Kb / 18P
Four-Channel Multiplexed Transimpedance Amplifier
logo
Texas Instruments
LMH32404-Q1 TI-LMH32404-Q1 Datasheet
1Mb / 25P
LMH32404-Q1 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404 TI-LMH32404 Datasheet
2Mb / 37P
LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
LMH32404-Q1 TI-LMH32404-Q1_V01 Datasheet
2Mb / 39P
LMH32404-Q1 Automotive Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
NOVEMBER 2021
LMH32404 TI-LMH32404_V01 Datasheet
1Mb / 41P
LMH32404 Four-Channel, Differential Output, Multiplexed Transimpedance Amplifier With Integrated Clamping and Ambient Light Cancellation
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com