Electronic Components Datasheet Search
  English  ▼

X  

LTC6563 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC6563
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6563 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC6563 Datasheet HTML 13Page - Analog Devices LTC6563 Datasheet HTML 14Page - Analog Devices LTC6563 Datasheet HTML 15Page - Analog Devices LTC6563 Datasheet HTML 16Page - Analog Devices LTC6563 Datasheet HTML 17Page - Analog Devices LTC6563 Datasheet HTML 18Page - Analog Devices LTC6563 Datasheet HTML 19Page - Analog Devices LTC6563 Datasheet HTML 20Page - Analog Devices LTC6563 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
LTC6563
17
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
GND (Pins 1, 3, 18, 20, Exposed Pad Pin 25): Negative
Power Supply. Normally tied to ground. All GND pins and
the exposed pad must be tied to the same voltage. The
exposed pad (pin 25) should have multiple via holes to
the underlying ground plane for low inductance and good
heat transfer.
IN4, IN1, IN2, IN3 (Pin 2, Pin 19, Pin 21, Pin 24,): Input
pins for the transimpedance amplifier for channels 4, 1, 2,
and 3 respectively. The active channel is internally biased
to 0.8V. See the Applications Information section for spe-
cific recommendation.
PWRMD (Pin 4): Power mode is a CMOS input for con-
trolling the power consumption. The PWRMD pin has a
208k internal pull-up resistor to VCCI. Default value is 3.3V.
VCCI (Pin 5): Positive power supply for the input
stages. Typically, 3.3V. A series ferrite bead such as the
MPZ1005A331ETD25 should be used and bypass capaci-
tor of 680pF and 0.1µF should be placed as close to the
part as possible between VCCI and ground.
OMUX (Pin 6): Output MUX is a CMOS input for con-
trolling the output multiplexing function. The OMUX pin
has internal 208k pull-up resistor to VCCI. Default value
is 3.3V.
CM (Pin 7): Output Common Mode Reference Voltage.
The voltage on this pin sets the output common mode
voltage level. On a 3.3V supply, the CM pin floats to a
default 0.9V. The CM pin has an input impedance of
16.3kΩ. The CM pin should be bypassed with a high-
quality ceramic capacitor of at least 0.01µF.
HI (Pin 8): High Side Clamp Voltage. The voltage applied
to the HI pin sets the upper voltage limit to OUT and OUT
pins. The HI voltage also limits the lower voltage swing on
both output pins to 2VCM – HI, for symmetrical clamping
around the CM voltage. On a 3.3V supply, the HI pin will
float to a default 1.8V. The HI pin has an input impedance
of 13.6kΩ. The HI pin should be bypassed with a high-
quality ceramic capacitor of at least 0.01µF.
OUT, OUT (Pin 9, Pin 12): Differential Output Pins. For
voltage mode output, connect OUT to TERM and OUT to
TERM. For current mode output or when using external
load resistors, float TERM and TERM.
TERM, TERM (Pin 10, Pin 11): Internal Termination.
These pins have 50Ω load resistors coupled to GND and
are intended to connect to the differential output pins.
CHSEL1, CHSEL0 (Pin 13, Pin 15): MSB and LSB for
Channel Selection. These pins are CMOS inputs with inter-
nal 218k pull-down resistors to GND.
VCCO (Pin 14): Positive power supply for the output
stage. Typically, 3.3V. VCCO can be tied to VCCI for sin-
gle supply operation. A series ferrite bead such as the
MPZ1005A331ETD25 should be used and bypass capaci-
tors of 680pF and 0.1µF should be placed as close as
possible between VCCO and ground.
OFFSET (Pin 16): Input Offset Adjust. This pin accepts a
voltage input that controls current sources on each input
pin. These current sources can be used to cancel DC cur-
rents flowing into the detector. The OFFSET pin has an
internal pull-down resistor to GND.
TILT (Pin 17): Output Differential Offset. The voltage on
this pin controls the outputs’ differential offset. The TILT
pin has an internal 22.7k pull-down resistor to GND.
ADJ0, ADJ1 (Pin 22, Pin 23): LSB and MSB for output
gain and current adjusts. The adjust pins set the output
stage quiescent current and current gain. See Applications
Information section to optimize the ADC interface. These
pins are CMOS inputs with internal 218k pull-down resis-
tors to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com