Electronic Components Datasheet Search
  English  ▼

X  

LTC6563 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6563
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6563 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6563 Datasheet HTML 7Page - Analog Devices LTC6563 Datasheet HTML 8Page - Analog Devices LTC6563 Datasheet HTML 9Page - Analog Devices LTC6563 Datasheet HTML 10Page - Analog Devices LTC6563 Datasheet HTML 11Page - Analog Devices LTC6563 Datasheet HTML 12Page - Analog Devices LTC6563 Datasheet HTML 13Page - Analog Devices LTC6563 Datasheet HTML 14Page - Analog Devices LTC6563 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LTC6563
11
Rev. 0
For more information www.analog.com
Integrated Input-Referred Noise
vs Bandwidth Over Temperature
CIN,TOT = 2pF
INTEGRATED STARTING FROM 100kHz
FREQUENCY (MHz)
100
200
300
400
500
600
0
30
60
90
120
150
FOR ANY ADJ SETTING
6563 G42
125°C
85°C
25°C
–40°C
TYPICAL PERFORMANCE CHARACTERISTICS
Integrated Input-Referred Noise
vs Bandwidth Over Temperature
CIN,TOT = 4pF
Input-Referred Noise Density
for various Tilt Voltages with
CIN,TOT = 0.5pF
Integrated Input-Referred Noise
vs Bandwidth for various CIN,TOT
Unless otherwise noted specifications are at
CHSEL0 = TILT = OFFSET = 0V, HI = CHSEL1 = PWRMD = ADJ0 = ADJ1 = VCCI = VCCO = 3.3V, and CM = 1.5V. VOUTCM is defined as (OUT
+ OUT)/2 and VOUTDIFF is defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.
Input-Referred Noise Density for
various CIN,TOT
Integrated Input-Referred Noise
for various Tilt Voltages with
CIN,TOT = 0.5pF
Channel to Channel Isolation vs
Frequency Over Temperature
Channel to Channel Isolation vs
Frequency Over Temperature
OMUX Isolation vs Frequency
Over Temperature
FREQUENCY (MHz)
100
200
300
400
500
600
0
50
100
150
200
250
INTEGRATED STARTING FROM 100kHz
FOR ANY ADJ SETTING
6563 G43
125°C
85°C
25°C
–40°C
0V
0.5V
1V
3.3V
FREQUENCY (MHz)
1
10
100
1000 3000
1
10
100
500
FOR ANY ADJ SETTING
6563 G44
FREQUENCY (MHz)
100
200
300
400
500
600
0
20
40
60
80
100
120
140
160
180
200
INTEGRATED STARTING FROM 100kHz
FOR ANY ADJ SETTING
6563 G45
0.5pF
1pF
2pF
4pF
FREQUENCY (MHz)
1
10
100
1000 3000
1
10
100
300
FOR ANY ADJ SETTING
6563 G46
0.5pF
1pF
2pF
4pF
FREQUENCY (MHz)
100
200
300
400
500
600
0
10
20
30
40
50
60
70
80
90
100
INTEGRATED STARTING FROM 100kHz
FOR ANY ADJ SETTING
6563 G47
0V
0.5V
1V
3.3V
ANY SELECTED CHANNEL
TO ANY UNSELECTED CHANNEL
PWRMD = LOGIC HI
ADJ = 11
FREQUENCY (MHz)
0
200
400
600
800
1000
0
20
40
60
80
100
6563 G48
125°C
85°C
25°C
–40°C
FREQUENCY (MHz)
0
200
400
600
800
1000
0
20
40
60
80
100
ANY SELECTED CHANNEL
TO ANY UNSELECTED CHANNEL
PWRMD = LOGIC LO
ADJ = 11
6563 G49
125°C
85°C
25°C
–40°C
FREQUENCY (MHz)
0
200
400
600
800
1000
50
70
90
110
ANY INPUT TO OUTPUT
WHEN OMUX = Logic LO
6563 G50
125°C
85°C
25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com