Electronic Components Datasheet Search
  English  ▼

X  

LTC6563 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC6563
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6563 Datasheet(HTML) 3 Page - Analog Devices

  LTC6563 Datasheet HTML 1Page - Analog Devices LTC6563 Datasheet HTML 2Page - Analog Devices LTC6563 Datasheet HTML 3Page - Analog Devices LTC6563 Datasheet HTML 4Page - Analog Devices LTC6563 Datasheet HTML 5Page - Analog Devices LTC6563 Datasheet HTML 6Page - Analog Devices LTC6563 Datasheet HTML 7Page - Analog Devices LTC6563 Datasheet HTML 8Page - Analog Devices LTC6563 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LTC6563
3
Rev. 0
For more information www.analog.com
AC ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN1, IN2, IN3, IN4 Pins
VIN
Input Bias Voltage
Active Channel
Inactive Channel
0.8
0.7
V
V
IIN
DC Input Current Range
Tilt = 0V
Tilt = 3.3V
40
90
µA
µA
OUT and OUT Pins
VOCM_DEFAULT
Default Output Common-Mode Voltage ADJ = 00
0.9
V
VOOD
Differential Output Offset Voltage
IIN = 0µA
–75
±10
75
mV
TCVOOD
Differential Output Offset Voltage
Temperature Coefficient
IIN = 0µA,
–0.044
mV/°C
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, ADJ0 = ADJ1 = PWRMD = OMUX = VCCI = HI = VCCO = 3.3V, TILT =
OFFSET = 0, VCM = 1.5V. All other input pins are floating unless stated otherwise. VOUTCM is defined as (OUT + OUT )/2 and VOUTDIFF is
defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, ADJ0 = ADJ1 = PWRMD = OMUX = VCCI = HI = VCCO = 3.3V, TILT =
OFFSET = 0, VCM = 1.5V. All other input pins are floating unless stated otherwise. VOUTCM is defined as (OUT + OUT )/2 and VOUTDIFF is
defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BW
–3dB Bandwidth
200mVP-P,OUT and CIN,TOT = 0.5pF
600
MHz
SR
Slew Rate
CIN,TOT = 0.5pF
3000
V/us
tR/tF
Rise/Fall Time
CIN,TOT = 0.5pF
0.6
ns
RT Differential
Small Signal Transimpedance
IIN < 2µAP-P, ADJ00
IIN < 2µAP-P, ADJ01
IIN < 2µAP-P, ADJ10
IIN < 2µAP-P, ADJ11
4.9
9.6
14.1
18.1
5.55
11.1
16.7
22.2
6.5
12.5
18.2
23.4
kΩ
kΩ
kΩ
kΩ
TCRT
Transimpedance Temperature Coefficient IIN < 2µAP-P, ADJ00
IIN < 2µAP-P, ADJ01
IIN < 2µAP-P, ADJ10
IIN < 2µAP-P, ADJ11
–0.00125
–0.00246
–0.00403
–0.00609
kΩ/°C 
kΩ/°C
kΩ/°C
kΩ/°C
RIN
Input Impedance
f = 100kHz Active Channel
f = 100kHz Inactive Channel
225
409
Ω
Ω
RTERM_DIFF
Internal Diff Termination Impedance
Measured from TERM to TERMBAR
100
Ω
In
Input Current Noise Density
f = 100MHz, CIN_TOT = 0.5pF
f = 200MHz, CIN_TOT = 0.5pF
f = 300MHz, CIN_TOT = 0.5pF
f = 400MHz, CIN_TOT = 0.5pF
f = 500MHz, CIN_TOT = 0.5pF
f = 600MHz, CIN_TOT = 0.5pF
1.8
2.3
2.5
3
3.4
3.7
pA/√Hz
pA/√Hz
pA/√Hz
pA/√Hz
pA/√Hz
pA/√Hz
Integrated Input Current Noise
f = 0.1MHz to 100MHz, CIN_TOT = 0.5pF
f = 0.1MHz to 200MHz, CIN_TOT = 0.5pF
f = 0.1MHz to 300MHz, CIN_TOT = 0.5pF
f = 0.1MHz to 400MHz, CIN_TOT = 0.5pF
f = 0.1MHz to 500MHz, CIN_TOT = 0.5pF
f = 0.1MHz to 600MHz, CIN_TOT = 0.5pF
19
27
36
45
55
65
nARMS
nARMS
nARMS
nARMS
nARMS
nARMS
tRECOVER
Overload Recovery and Pulse Extension
IIN = –4mA, CIN_TOT = 0.5pF
2.5
ns
tCH_SWITCH
Channel Switching Time
Any Channel to Any Channel
10
ns
tOMUX_SWITCH
Output MUX Switching Time
OMUX
20
ns
Isolation
Channel to Channel Isolation
400MHz, PWRMD = Logic Low, Selected Channel
to Any Unselected Channel
48
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com