Electronic Components Datasheet Search
  English  ▼

X  

LTC6563 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC6563
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6563 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC6563 Datasheet HTML 12Page - Analog Devices LTC6563 Datasheet HTML 13Page - Analog Devices LTC6563 Datasheet HTML 14Page - Analog Devices LTC6563 Datasheet HTML 15Page - Analog Devices LTC6563 Datasheet HTML 16Page - Analog Devices LTC6563 Datasheet HTML 17Page - Analog Devices LTC6563 Datasheet HTML 18Page - Analog Devices LTC6563 Datasheet HTML 19Page - Analog Devices LTC6563 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LTC6563
16
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
R2
50
R3
50
C2
100pF
R1
2k
LTC6563
INx
OUT
S-PARAMETER MEASUREMENT
PORT1
PORT2
PORT3
PORT4
OUT
AC-COUPLED 50 PORTS
0.5pF,
2pF,
or
4pF
CIN,TOT
6563 F02
TERM
TERM
Figure 2. S-Parameters Test Circuit
Figure 3. Driving HMCAD1511 (ADJ11, Tilt = 3.3V, CM = 0.9V, FS = 2.4VP-P)
75
75
R
R
OMUX
OUT
OUT
TERM
TERM
PWRMD
OUTPUT
STAGE
TILT
ADJ0
ADJ1
BIAS
CTRL
50
50
IO CTRL
IO CTRL
6563 F03
VCC
LTC6563
OUTPUT SECTION
HMCAD1511
VCM
CM
0.1µF
CM
×2
×1
OUTPUT
CLAMPS
LO
HI
CM CONROL
LOOP
HI CTRL
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com