Electronic Components Datasheet Search
  English  ▼

X  

LTC6563 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC6563
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6563 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC6563 Datasheet HTML 24Page - Analog Devices LTC6563 Datasheet HTML 25Page - Analog Devices LTC6563 Datasheet HTML 26Page - Analog Devices LTC6563 Datasheet HTML 27Page - Analog Devices LTC6563 Datasheet HTML 28Page - Analog Devices LTC6563 Datasheet HTML 29Page - Analog Devices LTC6563 Datasheet HTML 30Page - Analog Devices LTC6563 Datasheet HTML 31Page - Analog Devices LTC6563 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
LTC6563
28
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
if ADJ 11 is to be used as shown in Figure 14 where the
external loads (300Ω) mid-point is grounded.
With the modified schematic of Figure 14 the CM voltage is:
VCMO = IO • [(24.9Ω + 50Ω + 2RCM)||300Ω]
(6)
Resulting in the min VCMO for ADJ 11:
VCMO (minimum) = IO • [(24.9Ω + 50Ω + 2 • 2Ω)||300Ω]
= 28mA • 62.5Ω = 1.75V (7)
Table 7 shows the computed minimum CM voltage, TIA
gain (RT), and ADC FS diff voltage swing for various ADJ
settings applied to the Figure 14 configuration:
Figure 14. Reducing the Min CM Voltage with Grounding the External Load Midpoint
Here is a sample calculation of the values in Table 7, related
to the Figure 14 schematic, for ADJ 00 as an illustration:
a. Output current values (ADJ 00) with max input current
of 90µA (from Table 2): 12mA, 2mA
b. Net diff output load: 75Ω (37.5Ω on each output)
c.
RT Calculation: RT(k
Ω) =
37.5
Ω[(12mA – 2mA) – (2mA – 12mA)]
90µA
= 8.3kΩ
d. ADC FS diff voltage calculation = 90µA • 8.3kΩ =
750mVP-P
4.99
4.99
4.99
4.99
4.99
4.99
4pF
4pF
4pF
300
300
75 TRANSMISSION LINE
6563 F14
R
R
OMUX
OUT
OUT
TERM
TERM
PWRMD
OUTPUT
STAGE
TILT
ADJ0
ADJ1
BIAS
CTRL
50
50
IO CTRL
CM CTRL
IO CTRL
VCC
VCC
LTC6563
OUTPUT SECTION
CM
0.1µF
CM
×2
×1
OUTPUT
CLAMPS
LO
HI
CM CONROL
LOOP
HI CTRL
+
–
+
–
75 TRANSMISSION LINE
AD9094
VCM
RS1
24.9
RS2
24.9
200
DIFF
INPUT
Table 7. CM Minimum Voltage and Other Operating Performance Values for Various ADJ Settings of Figure 14
ADJ1
ADJ0
CM/AVERAGE OUTPUT
CURRENT IO (mA)
RT (kΩ)
ADC FS DIFF VOLTAGE
SWING WITH FULL
TILT (mVP-P)
MIN CM VOLTAGE (mV)
0
0
7
8.3
750
437
0
1
14
16.7
1500
875
1
0
21
25.0
2250*
1312
1
1
28
33.3
3000*
1750
*Limited by output voltage compliance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com